Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9Z24S Datasheet (PDF) - International Rectifier

IRF9Z24S Datasheet PDF - International Rectifier
Part # IRF9Z24S
Download  IRF9Z24S Download
File Size   311.01 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)

IRF9Z24S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9Z24S Datasheet PDF - International Rectifier

Part # IRF9Z24S
Download  IRF9Z24S Click to download

File Size   311.01 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)

IRF9Z24S Datasheet (HTML) - International Rectifier


IRF9Z24S Product details

Description
Third Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

● Advanced Process Technology
● Surface Mount (IRF9Z24S)
● Low-profile through-hole (IRF9Z24L)
● 175°C Operating Temperature
● Fast Switching
● P- Channel
● Fully Avalanche Rated




Similar Part No. - IRF9Z24S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF9Z24S VISHAY-IRF9Z24S Datasheet
2Mb / 8P
Power MOSFET
03-Jun-08
IRF9Z24S VISHAY-IRF9Z24S Datasheet
207Kb / 9P
Power MOSFET
18-Jan-16
IRF9Z24SPBF VISHAY-IRF9Z24SPBF Datasheet
2Mb / 8P
Power MOSFET
03-Jun-08
IRF9Z24SPBF VISHAY-IRF9Z24SPBF Datasheet
207Kb / 9P
Power MOSFET
18-Jan-16
IRF9Z24STRL VISHAY-IRF9Z24STRL Datasheet
2Mb / 8P
Power MOSFET
03-Jun-08
More results


Similar Description - IRF9Z24S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRC644 IRF-IRC644 Datasheet
225Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFI644G IRF-IRFI644G Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A)
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com