Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD310 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFD310
Description  Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=0.35A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFD310 Datasheet(HTML) 1 Page - International Rectifier

  IRFD310 Datasheet HTML 1Page - International Rectifier IRFD310 Datasheet HTML 2Page - International Rectifier IRFD310 Datasheet HTML 3Page - International Rectifier IRFD310 Datasheet HTML 4Page - International Rectifier IRFD310 Datasheet HTML 5Page - International Rectifier IRFD310 Datasheet HTML 6Page - International Rectifier IRFD310 Datasheet HTML 7Page - International Rectifier IRFD310 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10 V
0.35
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10 V
0.22
A
IDM
Pulsed Drain Current
2.8
PD @TC = 25°C
Power Dissipation
1.0
W
Linear Derating Factor
0.0083
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
46
mJ
IAR
Avalanche Current
0.35
A
EAR
Repetitive Avalanche Energy
0.10
mJ
dv/dt
Peak Diode Recovery dv/dt
4.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
IRFD310
HEXFET® Power MOSFET
PD -9.1225
Revision 0
VDSS = 400V
RDS(on) = 3.6Ω
ID = 0.35A
Absolute Maximum Ratings
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJA
Junction-to-Ambient
—
—
62
°C/W
Dynamic dv/dt Rating
Repetitive Avalanche Rated
For Automatic Insertion
End Stackable
Fast Switching
Ease of paralleling
Simple Drive Requirements
Third Generation HEXFETs from International Rectifier provide the designer
with the best combination of fast switching, ruggedized device design, low on-
resistance and cost-effectiveness.
The 4-pin DIP package is a low-cost machine-insertable case style which can be
stacked in multiple combinations on standard 0.1 inch pin centers. The dual drain
serves as a thermal link to the mounting surface for power dissipation levels up to
1 watt.
Description
A
HD-1
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFD310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD310 INTERSIL-IRFD310 Datasheet
50Kb / 6P
0.4A, 400V, 3.600 Ohm, N-Channel Power MOSFET
July 1999
logo
Vishay Siliconix
IRFD310 VISHAY-IRFD310 Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
IRFD310 VISHAY-IRFD310 Datasheet
528Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRFD310PBF IRF-IRFD310PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFD310PBF VISHAY-IRFD310PBF Datasheet
1Mb / 8P
Power MOSFET
23-Jun-08
More results

Similar Description - IRFD310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC730 IRF-IRC730 Datasheet
223Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=5.5A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFP350LC IRF-IRFP350LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFR310 IRF-IRFR310 Datasheet
173Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com