Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP360LC Datasheet(PDF) 4 Page - International Rectifier

Part # IRFP360LC
Description  Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP360LC Datasheet(HTML) 4 Page - International Rectifier

  IRFP360LC Datasheet HTML 1Page - International Rectifier IRFP360LC Datasheet HTML 2Page - International Rectifier IRFP360LC Datasheet HTML 3Page - International Rectifier IRFP360LC Datasheet HTML 4Page - International Rectifier IRFP360LC Datasheet HTML 5Page - International Rectifier IRFP360LC Datasheet HTML 6Page - International Rectifier IRFP360LC Datasheet HTML 7Page - International Rectifier IRFP360LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFP360LC
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
10 0 0
20 0 0
30 0 0
40 0 0
50 0 0
60 0 0
1
1 0
10 0
DS
V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
1 2
1 6
2 0
0
3 0
60
9 0
12 0
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE 13
V
= 320V
V
= 200V
V
= 80V
DS
DS
DS
I
= 23A
D
1
1 0
1 0 0
0
0 .4
0 .8
1 .2
1 .6
2
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
1
1 0
1 0 0
1 0 0 0
1
1 0
1 0 0
1 0 0 0
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
10µs
100µs
1ms
10ms
T = 25°C
T = 150°C
Single Pulse
C
J
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com