Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP360LC Datasheet(PDF) 3 Page - International Rectifier

Part # IRFP360LC
Description  Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP360LC Datasheet(HTML) 3 Page - International Rectifier

  IRFP360LC Datasheet HTML 1Page - International Rectifier IRFP360LC Datasheet HTML 2Page - International Rectifier IRFP360LC Datasheet HTML 3Page - International Rectifier IRFP360LC Datasheet HTML 4Page - International Rectifier IRFP360LC Datasheet HTML 5Page - International Rectifier IRFP360LC Datasheet HTML 6Page - International Rectifier IRFP360LC Datasheet HTML 7Page - International Rectifier IRFP360LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
IRFP360LC
Fig 1. Typical Output Characteristics,
TC = 25oC
Fig 2. Typical Output Characteristics,
TC = 150oC
0 .1
1
1 0
1 0 0
1 0 0 0
0 .1
1
1 0
1 0 0
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
V
, Drain-to-Source Voltage (V)
DS
20µs PULSE WIDTH
T = 25°C
C
0 .1
1
1 0
1 0 0
1 0 0 0
0 .1
1
1 0
1 0 0
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
V
, Drain-to-Source Voltage (V)
DS
20µs PULSE WIDTH
T = 150°C
C
0 .1
1
1 0
1 0 0
1 0 0 0
4
5
6
7
8
9
1 0
T = 25°C
T = 15 0 °C
J
J
G S
V
, G a te -to -S o u rce V o lta g e (V )
V
= 5 0 V
2 0 µ s P U LS E W ID T H
D S
0 .0
0 .5
1 .0
1 .5
2 .0
2 .5
3 .0
-6 0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 2 0 1 4 0 1 6 0
V
= 10V
GS
J
T , Junction Temperature (°C)
I
= 23A
D
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com