Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP360LC Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP360LC
Description  Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP360LC Datasheet(HTML) 1 Page - International Rectifier

  IRFP360LC Datasheet HTML 1Page - International Rectifier IRFP360LC Datasheet HTML 2Page - International Rectifier IRFP360LC Datasheet HTML 3Page - International Rectifier IRFP360LC Datasheet HTML 4Page - International Rectifier IRFP360LC Datasheet HTML 5Page - International Rectifier IRFP360LC Datasheet HTML 6Page - International Rectifier IRFP360LC Datasheet HTML 7Page - International Rectifier IRFP360LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP360LC
HEXFET® Power MOSFET
PD - 9.1230
Revision 0
VDSS = 400V
RDS(on) = 0.20Ω
ID = 23A
Ultra Low Gate Charge
Reduced Gate Drive Requirement
Enhanced 30V Vgs Rating
Reduced Ciss, Coss, Crss
Isolated Central Mounting Hole
Dynamic dv/dt Rated
Repetitive Avalanche Rated
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ 10V
23
ID @ TC = 100°C
Continuous Drain Current, V GS @ 10V
14
A
IDM
Pulsed Drain Current
92
PD @TC = 25°C
Power Dissipation
280
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
1200
mJ
IAR
Avalanche Current
23
A
EAR
Repetitive Avalanche Energy
28
mJ
dv/dt
Peak Diode Recovery dv/dt
4.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
0.45
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.24
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
40
Thermal Resistance
Description
This new series of Low Charge HEXFET Power MOSFETs achieve significantly
lower gate charge over conventional MOSFETs.
Utilizing advanced Hexfet
technology the device improvements allow for reduced gate drive requirements,
faster switching speeds and increased total system savings.
These device
improvements combined with the proven ruggedness and reliability of HEXFETs
offer the designer a new standard in power transistors for switching applications.
The TO-247 package is preferred for commercial-industrial applications where
higher power levels preclude the use of TO-220 devices. The TO-247 is similar
but superior to the earlier TO-218 package because of its isolated mounting hole.
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFP360LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP360LC VISHAY-IRFP360LC Datasheet
260Kb / 8P
Power MOSFET
24-Jun-08
IRFP360LC VISHAY-IRFP360LC Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
logo
Inchange Semiconductor ...
IRFP360LC ISC-IRFP360LC Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP360LC VISHAY-IRFP360LC Datasheet
1Mb / 11P
Power MOSFET
14-Mar-11
IRFP360LC VISHAY-IRFP360LC Datasheet
311Kb / 10P
Power MOSFET
24-Jan-2022
More results

Similar Description - IRFP360LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF360 IRF-IRF360 Datasheet
139Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFI360 IRF-IRFI360 Datasheet
210Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRFL014 IRF-IRFL014 Datasheet
176Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com