Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9540 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF9540
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9540 Datasheet(HTML) 2 Page - International Rectifier

  IRF9540 Datasheet HTML 1Page - International Rectifier IRF9540 Datasheet HTML 2Page - International Rectifier IRF9540 Datasheet HTML 3Page - International Rectifier IRF9540 Datasheet HTML 4Page - International Rectifier IRF9540 Datasheet HTML 5Page - International Rectifier IRF9540 Datasheet HTML 6Page - International Rectifier IRF9540 Datasheet HTML 7Page - International Rectifier IRF9540 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF9540N
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -11A, VGS = 0V
„
trr
Reverse Recovery Time
–––
150
220
ns
TJ = 25°C, IF = -11A
Qrr
Reverse RecoveryCharge
–––
830 1200
nC
di/dt = -100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-100
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.11 –––
V/°C
Reference to 25°C, ID = -1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.117
Ω
VGS = -10V, ID = -11A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
5.3
–––
–––
S
VDS = -50V, ID = -11A
–––
–––
-25
µA
VDS = -100V, VGS = 0V
–––
–––
-250
VDS = -80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
97
ID = -11A
Qgs
Gate-to-Source Charge
–––
–––
15
nC
VDS = -80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
51
VGS = -10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
15
–––
VDD = -50V
tr
Rise Time
–––
67
–––
ID = -11A
td(off)
Turn-Off Delay Time
–––
51
–––
RG = 5.1Ω
tf
Fall Time
–––
51
–––
RD = 4.2Ω, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
1300 –––
VGS = 0V
Coss
Output Capacitance
–––
400
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
240
–––
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -11A, di/dt ≤ -470A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting T
J = 25°C, L = 7.1mH
RG = 25Ω, IAS = -11A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
Source-Drain Ratings and Characteristics
A
S
D
G
-23
-76



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com