Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA143T Datasheet (PDF) - NXP Semiconductors

PDTA143T Datasheet PDF - NXP Semiconductors
Part # PDTA143T
Download  PDTA143T Download
File Size   89.93 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open

PDTA143T Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA143T Datasheet PDF - NXP Semiconductors

Part # PDTA143T
Download  PDTA143T Click to download

File Size   89.93 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open

PDTA143T Datasheet (HTML) - NXP Semiconductors


PDTA143T Product details

DESCRIPTION

PNP resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details).



FEATURES

• Built-in bias resistors

• Simplified circuit design

• Reduction of component count

• Reduced pick and place costs.




Similar Part No. - PDTA143T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143T NXP-PDTA143T Datasheet
173Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
logo
Nexperia B.V. All right...
PDTA143T NEXPERIA-PDTA143T Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
logo
NXP Semiconductors
PDTA143TE NXP-PDTA143TE Datasheet
173Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
logo
Nexperia B.V. All right...
PDTA143TE NEXPERIA-PDTA143TE Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTA143TE NEXPERIA-PDTA143TE Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
More results


Similar Description - PDTA143T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB3 PHILIPS-PEMB3 Datasheet
44Kb / 8P
PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open
2001 Sep 14
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
PEMD6 PHILIPS-PEMD6 Datasheet
55Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Nov 07
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PEMH7 PHILIPS-PEMH7 Datasheet
50Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Oct 22
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PUMB14 PHILIPS-PUMB14 Datasheet
58Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open
Rev. 01-17 February 2005
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com