Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMD6 Datasheet (PDF) - NXP Semiconductors

PEMD6 Datasheet PDF - NXP Semiconductors
Part # PEMD6
Download  PEMD6 Download
File Size   55.36 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open

PEMD6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMD6 Datasheet PDF - NXP Semiconductors

Part # PEMD6
Download  PEMD6 Click to download

File Size   55.36 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open

PEMD6 Datasheet (HTML) - NXP Semiconductors


PEMD6 Product details

DESCRIPTION
NPN/PNP resistor-equipped transistors in a SOT666 plastic package.

FEATURES
• 300 mW total power dissipation
• Very small 1.6 × 1.2 mm ultra thin package
• Self alignment during soldering due to straight leads
• Replaces two SC-75/SC-89 packaged transistors on same PCB area
• Reduces required PCB area
• Reduced pick and place costs.

APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.




Similar Part No. - PEMD6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD6 NXP-PEMD6 Datasheet
298Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
logo
Nexperia B.V. All right...
PEMD6 NEXPERIA-PEMD6 Datasheet
190Kb / 8P
50 V, 100 mA NPN/PNP Resistor-Equipped Transistor; R1 = 4.7 kΩ, R2 = open
5 January 2023
PEMD6 NEXPERIA-PEMD6 Datasheet
136Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
PEMD6 NEXPERIA-PEMD6 Datasheet
297Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
logo
NXP Semiconductors
PEMD6_PUMD6 PHILIPS-PEMD6_PUMD6_15 Datasheet
298Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
More results


Similar Description - PEMD6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB3 PHILIPS-PEMB3 Datasheet
44Kb / 8P
PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open
2001 Sep 14
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
PEMH13 PHILIPS-PEMH13 Datasheet
56Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Dec 13
PEMH7 PHILIPS-PEMH7 Datasheet
50Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Oct 22
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PUMH13 PHILIPS-PUMH13 Datasheet
61Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2004 Apr 14
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com