Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21368 Datasheet (PDF) - Analog Devices

ADSP-21368 Datasheet PDF - Analog Devices
Part # ADSP-21368
Download  ADSP-21368 Download
File Size   1277.22 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Preliminary Technical Data

ADSP-21368 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-21368 Datasheet PDF - Analog Devices

Part # ADSP-21368
Download  ADSP-21368 Click to download

File Size   1277.22 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Preliminary Technical Data

ADSP-21368 Datasheet (HTML) - Analog Devices


ADSP-21368 Product details

GENERAL DESCRIPTION
The ADSP-21367/ADSP-21368/ADSP-21369 SHARC® processors are members of the SIMD SHARC family of DSPs that feature Analog Devices’ Super Harvard Architecture. These processors are source code-compatible with the ADSP-2126x and ADSP-2116x DSPs as well as with first generation ADSP-2106x SHARC processors in SISD (single-instruction, single-data) mode. The processors are 32-bit/40-bit floating-point processors optimized for high performance automotive audio applications with its large on-chip SRAM, and mask programmable ROM, multiple internal buses to eliminate I/O bottlenecks, and an innovative digital audio interface (DAI).

SUMMARY
   High performance 32-bit/40-bit floating-point processor
      optimized for high performance audio processing
   Single-instruction, multiple-data (SIMD) computational
      architecture
   On-chip memory—2M bits of on-chip SRAM and 6M bits of
      on-chip mask programmable ROM
   Code compatible with all other members of the SHARC family
   The ADSP-21367/ADSP-21368/ADSP-21369 are available
      with a 400 MHz core instruction rate with unique audiocentric
      peripherals such as the digital audio interface, S/PDIF
      transceiver, serial ports, 8-channel asynchronous sample
      rate converter, precision clock generators, and more. For
      complete ordering information, see Ordering Guide on
      Page 55.




Similar Part No. - ADSP-21368

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 56P
SHARC Processors
ADSP-21368 AD-ADSP-21368 Datasheet
760Kb / 56P
SHARC Processors
REV. C
ADSP-21368BBP-2A AD-ADSP-21368BBP-2A Datasheet
1Mb / 56P
SHARC Processors
ADSP-21368BBP-2A AD-ADSP-21368BBP-2A Datasheet
1Mb / 60P
SHARC Processors
Rev. E
ADSP-21368BBPZ-2A AD-ADSP-21368BBPZ-2A Datasheet
1Mb / 56P
SHARC Processors
More results


Similar Description - ADSP-21368

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5263 AD-AD5263 Datasheet
84Kb / 6P
Preliminary Technical Data
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
Preliminary Technical Data
AD53519 AD-AD53519 Datasheet
291Kb / 13P
Preliminary Technical Data
REV. Pr J July 22, 2002
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
Preliminary Technical Information
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com