Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5263 Datasheet (PDF) - Analog Devices

AD5263 Datasheet PDF - Analog Devices
Part # AD5263
Download  AD5263 Download
File Size   84.72 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Preliminary Technical Data

AD5263 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5263 Datasheet PDF - Analog Devices

Part # AD5263
Download  AD5263 Click to download

File Size   84.72 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Preliminary Technical Data

AD5263 Datasheet (HTML) - Analog Devices


AD5263 Product details

GENERAL DESCRIPTION

The AD5263 is the industry’s first quad-channel, 256-position, digital potentiometer1 with a selectable digital interface. This device performs the same electronic adjustment function as mechanical potentiometers or variable resistors, with enhanced resolution, solid-state reliability, and superior low temperature coefficient performance.

Each channel of the AD5263 offers a completely programmable value of resistance between the A terminal and the wiper or between the B terminal and the wiper. The fixed A-to-B terminal resistance of 20 kΩ, 50 kΩ, or 200 kΩ has a nominal temperature coefficient of ±30 ppm/°C and a ±1% channel-to-channel matching tolerance. Another key feature of this part is the ability to operate from +4.5 V to +15 V, or at ±5 V.



FEATURES

256-position, 4-channel

End-to-end resistance 20 kΩ, 50 kΩ, 200 kΩ

Pin-selectable SPI®- or I2C®-compatible interface

Power-on preset to midscale

Two package address decode pins AD0 and AD1

Rheostat mode temperature coefficient 30 ppm/°C

Voltage divider temperature coefficient 5 ppm/°C

Wide operating temperature range –40°C to +125°C

10 V to 15 V single supply; ±5 V dual supply



APPLICATIONS

Mechanical potentiometer replacement

Optical network adjustment

Instrumentation: gain, offset adjustment

Stereo channel audio level control

Automotive electronics adjustment

Programmable power supply

Programmable filters, delays, time constants

Line impedance matching

Low resolution DAC/trimmer replacement

Base station power amp biasing

Sensor calibration




Similar Part No. - AD5263

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5263BRU20 AD-AD5263BRU20 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRU200 AD-AD5263BRU200 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRU50 AD-AD5263BRU50 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRU50-REEL7 AD-AD5263BRU50-REEL7 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5263BRUZ20 AD-AD5263BRUZ20 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
More results


Similar Description - AD5263

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
Preliminary Technical Data
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
Preliminary Technical Data
AD53519 AD-AD53519 Datasheet
291Kb / 13P
Preliminary Technical Data
REV. Pr J July 22, 2002
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
Preliminary Technical Information
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com