Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5263 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5263
Description  Preliminary Technical Data
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5263 Datasheet(HTML) 4 Page - Analog Devices

  AD5263 Datasheet HTML 1Page - Analog Devices AD5263 Datasheet HTML 2Page - Analog Devices AD5263 Datasheet HTML 3Page - Analog Devices AD5263 Datasheet HTML 4Page - Analog Devices AD5263 Datasheet HTML 5Page - Analog Devices AD5263 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRELIMINARY TECHNICAL DATA
Quad +15V Digital Potentiometers
AD5263
08 AUG ’02, REV PrD
- 4 -
ABSOLUTE MAXIMUM RATINGS (TA = +25°C, unless
otherwise noted)
VDD to GND ........................................................... -0.3, +15V
VSS to GND................................................................. 0V, -7V
VDD to VSS....................................................................... +15V
VA, VB, VW to GND................................................. VSS, VDD
AX – BX, AX – WX, BX – WX
Intermittent
2...................................................±20mA
Continuous ......................................................±2mA
Digital Inputs & Output Voltage to GND .................. 0V, +7V
Operating Temperature Range .........................-40°C to +85°C
Maximum Junction Temperature (TJ MAX) .................. +150°C
Storage Temperature ......................................-65°C to +150°C
Lead Temperature (Soldering, 10 sec) ......................... +300°C
Vapor Phase (60 sec)....................................... +215 °C
Infrared (15 sec)...............................................+220 °C
Thermal Resistance
*
θ
JA,
TSSOP-24........................................................ 143°C/W
*Package Power Dissipation = (TJMAX - TA) / θJA
NOTES
1. Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating; functional
operation of the device at these or any other conditions above those
listed in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
2. Maximum terminal current is bounded by the maximum current
handling of the switches, maximum power dissipation of the package,
and maximum applied voltage across any two of the A, B, and W
terminals at a given resistance.
ORDERING GUIDE
Model
RAB
(k
Ω)
Temp
Package
Description
Package
Option
# Parts per
Container
Top Mark*
AD5263BRU20
20
-40/+125°C
TSSOP-24
RU-24
62
AD5263B20
AD5263BRU20-REEL7
20
-40/+125°C
TSSOP-24
RU-24
1,000
AD5263B20
AD5263BRU50
50
-40/+125°C
TSSOP-24
RU-24
62
AD5263B50
AD5263BRU50-REEL7
50
-40/+125°C
TSSOP-24
RU-24
1,000
AD5263B50
AD5263BRU200
200
-40/+125°C
TSSOP-24
RU-24
62
AD5263B200
AD5263BRU200-REEL7
200
-40/+125°C
TSSOP-24
RU-24
1,000
AD5263B200
*Line 1 contains part number, line 2 branding containing differentiating detail by part type and ADI logo symbol, line 3 contains date code YWW.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD5263 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com