Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD3636P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPESD3636P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPESD3636P
Download  TPESD3636P Download
File Size   1264.49 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0

TPESD3636P Datasheet (PDF)

Go To PDF Page Download Datasheet
TPESD3636P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPESD3636P
Download  TPESD3636P Click to download

File Size   1264.49 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0

TPESD3636P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPESD3636P Product details

Features
Ultra low capacitance: 0.25 pF typical (I/O to 1/0)
Ultra low leakage: nA level
Breakdown Voltage: 5.5 V (Minimum)
Low clamping voitage
Complies with following standards:
— |IEC 61000-4-2 (ESD) immunity test
Air discharge: +20kV
Contact discharge: +15kV
— IEC61000-4-4 (EFT) 80A (5/50ns)
— IEC61000-4-5 (Lightning) : 4 A(8/20us)
ROHS Compliant




Similar Part No. - TPESD3636P

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
TPESD3301P LEIDITECH-TPESD3301P Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
logo
TECH PUBLIC Electronics...
TPESD3301P TECHPUBLIC-TPESD3301P Datasheet
1Mb / 4P
Ultra-Low Capacitance 1-Line ESD Protection
TPESD3304N TECHPUBLIC-TPESD3304N Datasheet
1Mb / 5P
4- Line 3.3V ESD Protection Diode Array
TPESD3324P TECHPUBLIC-TPESD3324P Datasheet
869Kb / 5P
4-Line Uni-directional TVS Diode
TPESD3324PA TECHPUBLIC-TPESD3324PA Datasheet
618Kb / 4P
Low Capactionce 4-Line Uni-directional TVS Diode
More results


Similar Description - TPESD3636P

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
USB 2.0 - ESD & Overcurrent Protection
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
8-Channel ESD Protection for DisplayPort and HDMI
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Chrontel, Inc.
CH7216A CHRONTEL-CH7216A Datasheet
222Kb / 9P
CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.2 2022-12-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com