Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2150 Datasheet (PDF) - Nanjing International Group Co

2SD2150 Datasheet PDF - Nanjing International Group Co
Part # 2SD2150
Download  2SD2150 Download
File Size   498.07 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description LOW FREQUENCY TRANSISTER (20V,3A)

2SD2150 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2150 Datasheet PDF - Nanjing International Group Co

Part # 2SD2150
Download  2SD2150 Click to download

File Size   498.07 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description LOW FREQUENCY TRANSISTER (20V,3A)

2SD2150 Datasheet (HTML) - Nanjing International Group Co


2SD2150 Product details

FEATURES
Low VCE(sat) :VCE(sat) =0.2V(Typ.)
(IC/IB=2A/0.1A).
Excellent current gain characteristics.
Complements the 2SB1424.




Similar Part No. - 2SD2150

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2150 ROHM-2SD2150 Datasheet
100Kb / 4P
Low Frequency Transistor(20V, 3A)
logo
Jiangsu Changjiang Elec...
2SD2150 JIANGSU-2SD2150 Datasheet
24Kb / 1P
TRANSISTOR NPN)
logo
Weitron Technology
2SD2150 WEITRON-2SD2150 Datasheet
216Kb / 4P
NPN Epitaxial Planar Transistors
logo
Guangdong Kexin Industr...
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SD2150 SECOS-2SD2150 Datasheet
285Kb / 2P
NPN Plastic-Encapsulate Transistor
More results


Similar Description - 2SD2150

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2150 ROHM-2SD2150 Datasheet
100Kb / 4P
Low Frequency Transistor(20V, 3A)
2SC4115S ROHM-2SC4115S Datasheet
96Kb / 4P
Low Frequency Transistor (20V, 3A)
2SD2264 ROHM-2SD2264 Datasheet
99Kb / 4P
Low Frequency Transistor (20V,3A)
2SC4115S ROHM-2SC4115S_09 Datasheet
165Kb / 3P
Low Frequency Transistor (20V, 3A)
2SD2150 ROHM-2SD2150_09 Datasheet
167Kb / 3P
Low Frequency Transistor (20V, 3A)
2SD2150T100R ROHM-2SD2150T100R Datasheet
113Kb / 3P
Low Frequency Transistor (20V, 3A)
2SC4115STPR ROHM-2SC4115STPR Datasheet
165Kb / 3P
Low Frequency Transistor (20V, 3A)
2SD2150T100S ROHM-2SD2150T100S Datasheet
113Kb / 3P
Low Frequency Transistor (20V, 3A)
logo
Galaxy Semi-Conductor H...
2SD2150 BILIN-2SD2150 Datasheet
193Kb / 4P
LOW FREQUENCY TRANSISTER
logo
Nanjing International G...
2SB1424 DGNJDZ-2SB1424 Datasheet
493Kb / 4P
Low VCE(sat) Transistor(-20V,-3A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com