Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

520 Datasheet (PDF) - CTS Corporation

520 Datasheet PDF - CTS Corporation
Part # 520
Download  520 Download
File Size   299.53 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Temperature Compensated Crystal Oscillator

520 Datasheet (PDF)

Go To PDF Page Download Datasheet
520 Datasheet PDF - CTS Corporation

Part # 520
Download  520 Click to download

File Size   299.53 Kbytes
Page   4 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Temperature Compensated Crystal Oscillator

520 Datasheet (HTML) - CTS Corporation


520 Product details

FEATURES
• Clipped Sine Wave Output
• Optional Voltage Control for Frequency Tuning [VCTCXO]
• 2.5mmx2.0mm Surface Mount Package
• Frequency Range 10 – 52 MHz [Standard Frequencies List Shown Below]
• Fundamental Crystal Design
• Frequency Stability, several options to choose from ±0.5ppm ~ ±2.5ppm
• Operating Voltage, +1.8Vdc ~ +2.5Vdc
• Operating Temperature to -40°C to +85°C
• Tape & Reel Packaging Available
• RoHS/Green Compliant (6/6)




Similar Part No. - 520

ManufacturerPart #DatasheetDescription
logo
Littelfuse
520 LITTELFUSE-520 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
logo
Intel Corporation
520 INTEL-520 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
횠6.1mm mounting Robust stainless steel housing
logo
List of Unclassifed Man...
520 ETC2-520 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
3M Electronics
520 3M-520 Datasheet
15Kb / 2P
Sandblast Stencil
More results


Similar Description - 520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-703 VECTRON-TX-703 Datasheet
250Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com