Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

520 Datasheet (PDF) - Intel Corporation

520 Datasheet PDF - Intel Corporation
Part # 520
Download  520 Download
File Size   1600.9 Kbytes
Page   96 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Pentium 4 Processors Supporting Hyper-Threading Technology

520 Datasheet (PDF)

Go To PDF Page Download Datasheet
520 Datasheet PDF - Intel Corporation

Part # 520
Download  520 Click to download

File Size   1600.9 Kbytes
Page   96 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Pentium 4 Processors Supporting Hyper-Threading Technology

520 Datasheet (HTML) - Intel Corporation


520 Product details

Introduction
The Intel® Pentium® 4 processor on 90 nm process in the 775-land package is a follow on to the Pentium 4 processor in the 478-pin package with enhancements to the Intel NetBurst® microarchitecture. The Pentium 4 processor on 90 nm process in the 775-land package uses FlipChip Land Grid Array (FC-LGA4) package technology, and plugs into a 775LGA socket. The Pentium 4 processor in the 775-land package, like its predecessor, the Pentium 4 processor in the 478-pin package, is based on the same Intel 32-bit microarchitecture and maintains the tradition of compatibility with IA-32 software.

• Available at 3.80 GHz, 3.60 GHz, 3.40 GHz, 3.20 GHz, 3 GHz, and 2.80 GHz
• Supports Hyper-Threading Technology1 (HT Technology) for all frequencies with 800 MHz front side bus (FSB)
• Intel® Pentium® 4 processors 571, 561, 551, 541, 531, and 521 support Intel® Extended Memory 64 Technology (EM64T)Φ
• Supports Execute Disable Bit capability
• Binary compatible with applications running on previous members of the Intel microprocessor line
• Intel NetBurst® microarchitecture
• FSB frequency at 800 MHz
• Hyper-Pipelined Technology
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on advanced 32-bit operating systems
• 16-KB Level 1 data cache
• 1-MB Advanced Transfer Cache (on-die, fullspeed Level 2 (L2) cache) with 8-way associativity and Error Correcting Code (ECC)
• 144 Streaming SIMD Extensions 2 (SSE2) instructions
• 13 Streaming SIMD Extensions 3 (SSE3) instructions
• Enhanced floating point and multimedia unit for enhanced video, audio, encryption, and 3D performance
• Power Management capabilities
• System Management mode
• Multiple low-power states
• 8-way cache associativity provides improved cache hit rate on load/store operations
• 775-land Package




Similar Part No. - 520

ManufacturerPart #DatasheetDescription
logo
Littelfuse
520 LITTELFUSE-520 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
logo
Marl International Limi...
520 MARL-520 Datasheet
423Kb / 5P
횠6.1mm mounting Robust stainless steel housing
logo
List of Unclassifed Man...
520 ETC2-520 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
3M Electronics
520 3M-520 Datasheet
15Kb / 2P
Sandblast Stencil
logo
CTS Corporation
520 CTS-520 Datasheet
299Kb / 4P
Temperature Compensated Crystal Oscillator
Rev. C
More results


Similar Description - 520

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-845M AAEON-EMB-845M Datasheet
433Kb / 1P
Intel Pentium 4 and Celeron Processors
MPC-8890 AAEON-MPC-8890 Datasheet
677Kb / 1P
Intel Pentium M or Celeron M Processors
PCM-6890B AAEON-PCM-6890B Datasheet
372Kb / 1P
Intel Pentium III and Celeron Processors
PCM-6897 AAEON-PCM-6897 Datasheet
678Kb / 1P
Intel Pentium III or Celeron Processors
PCM-6897L AAEON-PCM-6897L Datasheet
726Kb / 1P
Intel Pentium III or Celeron Processors
SBC-659P AAEON-SBC-659P Datasheet
410Kb / 1P
Intel Pentium III and Celeron Processors
logo
Intel Corporation
298643-012 INTEL-298643-012 Datasheet
1Mb / 85P
Intel Pentium 4 Processor Extreme Edition Supporting Hyper-Threading Technology
logo
Axiomtek Co., Ltd.
NA-320 AXIOMTEK-NA-320 Datasheet
239Kb / 1P
Supports Intel Hyper-threading technology
NA-813 AXIOMTEK-NA-813 Datasheet
198Kb / 1P
Supports Intel Hyper-threading technology
logo
AAEON Technology
XTX-915 AAEON-XTX-915 Datasheet
206Kb / 1P
Intel Pentium M/ Celeron짰 M Processors
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com