Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N1180 Datasheet (PDF) - List of Unclassifed Manufacturers

N1180 Datasheet PDF - List of Unclassifed Manufacturers
Part # N1180
Download  N1180 Download
File Size   462.16 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Task Lamp XL

N1180 Datasheet (PDF)

Go To PDF Page Download Datasheet
N1180 Datasheet PDF - List of Unclassifed Manufacturers

Part # N1180
Download  N1180 Click to download

File Size   462.16 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Task Lamp XL

N1180 Datasheet (HTML) - List of Unclassifed Manufacturers


N1180 Product details

FEATURES
• Ultra wide shade ensures light spreads evenly across
large areas.
• Auto mode adjusts the brightness of light accordingly.
• Smart memory remembers previous settings.
• Adjustable head means you can shine light exactly where
you need it.
• 3 step dimmer.
• Fixes to surfaces via flat clamp or can be attached to a wall.
• 50 minute timer.
TECHNICAL DETAILS
• 5 colour temperatures: 2700K, 3200K, 4500K, 5500K, 6400K.
• Lux output at 30cm (12”) 2100.
• Lumens: 1500.
• Head width: 80cm (31.5”), Head depth: 4cm (1.5”).
• Clamp depth: 8cm (3.5”).
• Weight: 1.5kg.
• Colour: White or Black.
• Comes with a 2 year warranty.




Similar Part No. - N1180

ManufacturerPart #DatasheetDescription
logo
Heyco.
N118 HEYCO-N118 Datasheet
147Kb / 1P
Polyurethane Adhesive-Back Bumpers
More results


Similar Description - N1180

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
IPS-XLC ZORAN-IPS-XLC Datasheet
80Kb / 2P
PCL XL Interpreter
logo
List of Unclassifed Man...
MC2000 ETC2-MC2000 Datasheet
77Kb / 1P
Professional Microphone Cable - XL
logo
MUSIC Semiconductors
MU9C3640L MUSIC-MU9C3640L Datasheet
185Kb / 22P
LIST-XL Family
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
Cree/NXP Task Light Reference Design
REV 0
logo
Cooper Bussmann, Inc.
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
XL Fuse bases for XL Style photovoltaic fuse links
logo
SparkFun Electronics
ROB-12156 SPARKFUN-ROB-12156 Datasheet
89Kb / 1P
Timing Belt - XL (per foot)
2/10/2016
ROB-12317 SPARKFUN-ROB-12317 Datasheet
94Kb / 1P
Timing Belt Mount - XL
2/10/2016
TOL-14693 SPARKFUN-TOL-14693 Datasheet
79Kb / 2P
Shapeoko XL
6??5??8
logo
Lapp.
52115700 LAPP-52115700 Datasheet
144Kb / 2P
SKINTOP® MS-XL/ MSR-XL
03.07.2018
53112005 LAPP-53112005 Datasheet
293Kb / 2P
SKINTOP® MS-M-XL / MSR-M-XL
20.06.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com