Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232RNL Datasheet (PDF) - Future Technology Devices International Ltd.

FT232RNL Datasheet PDF - Future Technology Devices International Ltd.
Part # FT232RNL
Download  FT232RNL Download
File Size   1343.93 Kbytes
Page   40 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB UART IC

FT232RNL Datasheet (PDF)

Go To PDF Page Download Datasheet
FT232RNL Datasheet PDF - Future Technology Devices International Ltd.

Part # FT232RNL
Download  FT232RNL Click to download

File Size   1343.93 Kbytes
Page   40 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description USB UART IC

FT232RNL Datasheet (HTML) - Future Technology Devices International Ltd.


FT232RNL Product details

• Single chip USB to asynchronous serial data transfer interface.
• Entire USB protocol handled on the chip. No USB specific firmware programming required.
• Fully integrated 1024-bit EEPROM storing device descriptors and CBUS I/O configuration.
• Fully integrated USB termination resistors.
• Fully integrated clock generation with no external crystal required plus optional clock output selection enabling a glue-less interface to external MCU or FPGA.
• Data transfer rates from 300 baud to 3 Mbaud (RS422, RS485, RS232) at TTL levels.
• 128 bytes receive buffer, and 256 bytes transmit buffer utilising buffer smoothing technology to allow for high data throughput.
• FTDI’s royalty-free Virtual Com Port (VCP) and Direct (D2XX) drivers eliminate the requirement for USB driver development in most cases.
• Unique USB FTDIChip-ID™ feature.
• Configurable CBUS I/O pins.
• Transmit and receive LED drive signals.
• UART interface support for 7 or 8 data bits, 1 or 2 stop bits and odd / even / mark / space / no parity
• FIFO receives and transmits buffers for high data throughput.
• Synchronous and asynchronous bit bang interface options with RD# and WR# strobes.
• Device supplied pre-programmed with unique USB serial number.
• Supports bus powered, self-powered and high-power bus powered USB configurations.
• Integrated +3.3V level converter for USB I/O.
• Integrated level converter on UART and CBUS for interfacing to between +1.8V and +5V logic.
• True 5V/3.3V/2.8V/1.8V CMOS drive output and TTL input.
• Configurable I/O pin output drive strength.
• Integrated power-on-reset circuit.
• Fully integrated AVCC supply filtering - no external filtering required.
• UART signal inversion option.
• +3.3V to +5.25V Single Supply Operation.
• Low operating and USB suspend current.
• Low USB bandwidth consumption.
• UHCI/OHCI/EHCI host controller compatible.
• USB 2.0 Full Speed compatible.
• -40°C to 85°C extended operating temperature range.
• Available in compact Pb-free 28 Pin SSOP and QFN-32 packages (both RoHS compliant).




Similar Part No. - FT232RNL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
795Kb / 29P
Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
FT232R FTDI-FT232R Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
logo
Analog Devices
FT232R AD-FT232R Datasheet
373Kb / 5P
USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
logo
List of Unclassifed Man...
FT232R ETC2-FT232R Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
More results


Similar Description - FT232RNL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
(USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
USB to BASIC UART IC
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
USB UART IC
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
USB UART IC
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
USB UART IC
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
USB to UART Bridge IC
December 09, 2016
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
December 21, 2016
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
USB to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com