Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVSPIN32G4 Datasheet (PDF) - STMicroelectronics

EVSPIN32G4 Datasheet PDF - STMicroelectronics
Part # EVSPIN32G4
Download  EVSPIN32G4 Download
File Size   2861.45 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STSPIN32G4 demonstration board for three-phase brushless motors

EVSPIN32G4 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVSPIN32G4 Datasheet PDF - STMicroelectronics

Part # EVSPIN32G4
Download  EVSPIN32G4 Click to download

File Size   2861.45 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description STSPIN32G4 demonstration board for three-phase brushless motors

EVSPIN32G4 Datasheet (HTML) - STMicroelectronics


EVSPIN32G4 Product details

Features
• Input bus voltage from 10 V to 75 V with dedicated monitoring
• Power stage based on the STL110N10F7 power MOSFETs with output current
up to 20 Arms (with heatsink mounted) and protected to overcurrent conditions
• STSPIN32G4, high performance three-phase motor controller with embedded
STM32G431 MCU:
– 32-bit ARM® Cortex®-M4 MCU+FPU
– Up to 170 MHz clock frequency
– CORDIC mathematical hardware accelerator for trigonometric functions
– 128 kB Flash memory with proprietary code readout protection (PCROP),
securable memory area, 1 kB OTP
– 32 kB SRAM memory with HW parity check
– 2 x advanced timers for motor control, 16-bit with up to 6 x PWM channels
each
– 8 x general purpose timers
– 2 x ADCs 12-bit resolution (up to 19 channels) with 4 Msps conversion rate
– 4 x 12-bit DAC channels
– 4 x ultra-fast rail-to-rail comparators
– 3 x rail-to-rail operational amplifiers usable also in PGA mode
– Internal high precision voltage reference
– Up to 40 GPIOs
– Full set of interfaces: I2C, SPI, UART and CAN
– VCC buck converter up to 200 mA, with programmable output and
embedded MOSFET
– 3.3 V LDO linear regulator up to 150 mA
– Low quiescent linear regulator for MCU supply in standby mode
– Regulators with full set of protection features; thermal shutdown, shortcircuit
and overload protections
– 75 V rated gate drivers with 1 A sink/source current and embedded
bootstrap diodes
– Drain-source voltage sensing of each power MOSFET
• Three-shunt or single-shunt configurable current sensing
• Digital Hall sensor and quadrature encored input
• ST-LINK/V2 programmer and debugger
• Arduino UNO connector
• Predisposition for CAN bus
• NTC sensor for power stage temperature monitoring
Application
• Industrial and home automation
• Home appliances such as vacuum cleaners, dryers and cleaning robots
• Servo drives and e-bikes
• Service and automation robots
• Power and garden tools
• Pumps and fans
• Drones and aeromodelling




Similar Part No. - EVSPIN32G4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVSPIN32F0251S1 STMICROELECTRONICS-EVSPIN32F0251S1 Datasheet
6Mb / 21P
3-phase inverter based on STSPIN32F0251
28-Oct-2019
EVSPIN32F06Q1S1 STMICROELECTRONICS-EVSPIN32F06Q1S1 Datasheet
4Mb / 22P
3-phase inverter based on STSPIN32F0601
January 2021
More results


Similar Description - EVSPIN32G4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
STMicroelectronics
EVAL6235PD STMICROELECTRONICS-EVAL6235PD Datasheet
1Mb / 10P
L6235 three-phase brushless DC motor driver demonstration board
25-Aug-2011
EVALSTDRIVE101 STMICROELECTRONICS-EVALSTDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com