Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6235PD Datasheet (PDF) - STMicroelectronics

EVAL6235PD Datasheet PDF - STMicroelectronics
Part # EVAL6235PD
Download  EVAL6235PD Download
File Size   1304.77 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description L6235 three-phase brushless DC motor driver demonstration board

EVAL6235PD Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL6235PD Datasheet PDF - STMicroelectronics

Part # EVAL6235PD
Download  EVAL6235PD Click to download

File Size   1304.77 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description L6235 three-phase brushless DC motor driver demonstration board

EVAL6235PD Datasheet (HTML) - STMicroelectronics


EVAL6235PD Product details

Description
The EVAL6235PD demonstration board is a fully integrated DMOS three-phase brushless DC motor driver. Used in conjunction with the EVALPRACTISPIN interface board and practiSPIN software, the board provides an evaluation platform to test the features of the L6235 device. In particular, the board provides a means to evaluate the power dissipation performance of the IC in the PowerSO

Features
■ Operating supply voltage from 8 V to 52 V
■ 5.6 A output peak current (2.8 ARMS)
■ Operating frequency up to 100 kHz
■ Non-dissipative overcurrent protection
■ Constant off-time PWM current controller
■ 60° and 120° Hall effect decoding logic
■ Brake function
■ TACHO output for speed loop
■ Suitable for EVALPRACTISPIN control
■ Capable of running in stand-alone mode




Similar Part No. - EVAL6235PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6235Q STMICROELECTRONICS-EVAL6235Q Datasheet
1Mb / 9P
3-phase BLDC motor driver mounting the L6235Q
11-Apr-2012
More results


Similar Description - EVAL6235PD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
Three-Phase Brushless DC Motor Driver IC
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
Three-Phase Brushless DC Motor Driver IC
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
Three-Phase Brushless Motor Driver
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
Three-Phase Brushless Motor Driver
logo
STMicroelectronics
AN1625 STMICROELECTRONICS-AN1625 Datasheet
1Mb / 39P
L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
Oct-2003
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com