Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6235PD Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL6235PD
Description  L6235 three-phase brushless DC motor driver demonstration board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6235PD Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL6235PD Datasheet HTML 1Page - STMicroelectronics EVAL6235PD Datasheet HTML 2Page - STMicroelectronics EVAL6235PD Datasheet HTML 3Page - STMicroelectronics EVAL6235PD Datasheet HTML 4Page - STMicroelectronics EVAL6235PD Datasheet HTML 5Page - STMicroelectronics EVAL6235PD Datasheet HTML 6Page - STMicroelectronics EVAL6235PD Datasheet HTML 7Page - STMicroelectronics EVAL6235PD Datasheet HTML 8Page - STMicroelectronics EVAL6235PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Board description
EVAL6235PD
2/10
Doc ID 022128 Rev 1
1
Board description
The EVAL6235PD provides external connectors for the supply voltage, an external 5 V
reference for the logic inputs, three outputs for the motor and a 34-pin connector to control
the main functions of the board through the external interface board EVALPRACTISPIN.
Figure 1.
EVAL6235PD demonstration board
Table 1.
EVAL6235PD: connector and jumper description
Name
Type
Function
CN1
Power supply
Board power supply (VS)
CN2
Power supply
Logic power supply (5V)
CN3
Power outputs
Half-bridge power outputs
CN4
Signal connector Communication with interface board
JP1, JP2
Jumper
On-board 5V supply generation (closed)
J1
Strip connector
Hall effect sensors signals and power supply
S1
DIP switches
Allows enabling of the IC, to select to run in torque or speed mode, to
set the motor direction and motor braking (1)
1.
Function available if board is running in stand-alone mode.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com