Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP30 Datasheet (PDF) - Sensirion AG Switzerland

SGP30 Datasheet PDF - Sensirion AG Switzerland
Part # SGP30
Download  SGP30 Download
File Size   1083.4 Kbytes
Page   15 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description Sensirion Gas Platform

SGP30 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGP30 Datasheet PDF - Sensirion AG Switzerland

Part # SGP30
Download  SGP30 Click to download

File Size   1083.4 Kbytes
Page   15 Pages
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland
Description Sensirion Gas Platform

SGP30 Datasheet (HTML) - Sensirion AG Switzerland


SGP30 Product details

 Multi-pixel gas sensor for indoor air quality applications
 Outstanding long-term stability
 I2C interface with TVOC and CO2eq output signals
 Very small 6-pin DFN package: 2.45 x 2.45 x 0.9 mm3
 Low power consumption: 48 mA at 1.8V
 Tape and reel packaged, reflow solderable




Similar Part No. - SGP30

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP30N60 INFINEON-SGP30N60 Datasheet
425Kb / 12P
Fast IGBT in NPT-technology
Jul-02
SGP30N60 INFINEON-SGP30N60 Datasheet
335Kb / 12P
Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGP30N60 INFINEON-SGP30N60 Datasheet
367Kb / 12P
Fast IGBT in NPT-technology
Rev. 2.5 Nov. 09
SGP30N60HS INFINEON-SGP30N60HS Datasheet
76Kb / 4P
HIGHT SPEED IGBT CHIP IN NPT-TECHNOLOGY
Edition2, 28.11.2003
SGP30N60HS INFINEON-SGP30N60HS Datasheet
389Kb / 12P
High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
More results


Similar Description - SGP30

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
Multimedia Platform?
2004
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
Trusted Platform Module
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
Alarm platform
22-Oct-2007
logo
Fuji Electric
EDS3-109E FUJI-EDS3-109E Datasheet
449Kb / 8P
INFRARED GAS ANALYZER FOR STACK GAS
EDS3-136 FUJI-EDS3-136 Datasheet
258Kb / 16P
INFRARED GAS ANALYZER FOR STIC GAS
EDS3-138B FUJI-EDS3-138B Datasheet
278Kb / 16P
INFRARED GAS ANALYZER FOR STACK GAS
logo
ATMEL Corporation
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
Trusted Platform Module
logo
Pulse A Technitrol Comp...
SFPP-3148-L PULSE-SFPP-3148-L Datasheet
446Kb / 2P
Connector Platform
logo
Zhengzhou Winsen Electr...
MQ138 WINSEN-MQ138 Datasheet
560Kb / 6P
Gas Sensor for VOC Gas
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com