Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6202P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

XC6202P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # XC6202P
Download  XC6202P Download
File Size   1976.21 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 15V,150mA,Low-Dropout Regulator

XC6202P Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6202P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # XC6202P
Download  XC6202P Click to download

File Size   1976.21 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 15V,150mA,Low-Dropout Regulator

XC6202P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


XC6202P Product details

Features
Low voltage drop: 0.26V@100mA
High input voltage: 15V
Low temperature coefficient
Large Output Current: >0.5A
Low Quiescent Current: 2.0uA
Output voltage accuracy: tolerance +2%
Built-in current limiter
SOT23-3L Package Available




Similar Part No. - XC6202P

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6202P TECHPUBLIC-XC6202P Datasheet
1Mb / 5P
15V,150mA,Low-Dropout Regulator
logo
Torex Semiconductor
XC6202P1 TOREX-XC6202P1 Datasheet
2Mb / 31P
High Voltage positive Voltage Regulators
XC6202P182 TOREX-XC6202P182 Datasheet
265Kb / 25P
(High Voltage) Positive Voltage Regulators
XC6202P182DB TOREX-XC6202P182DB Datasheet
1Mb / 32P
High Voltage Positive Voltage Regulators
XC6202P182DH TOREX-XC6202P182DH Datasheet
1Mb / 32P
High Voltage Positive Voltage Regulators
More results


Similar Description - XC6202P

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8211A MICROSEMI-LX8211A Datasheet
269Kb / 9P
150mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
150mA CMOS Low Dropout Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
TECH PUBLIC Electronics...
XC6202P302MR TECHPUBLIC-XC6202P302MR Datasheet
1Mb / 5P
15V,150mA,Low-Dropout Regulator
XC6202P502MR TECHPUBLIC-XC6202P502MR Datasheet
1Mb / 5P
15V,150mA,Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com