Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HORNETPRO-8S4 Datasheet (PDF) - rfsolutions.ltd

HORNETPRO-8S4 Datasheet PDF - rfsolutions.ltd
Part # HORNETPRO-8S4
Download  HORNETPRO-8S4 Download
File Size   1473.74 Kbytes
Page   7 Pages
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd
Description Remote Control System

HORNETPRO-8S4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HORNETPRO-8S4 Datasheet PDF - rfsolutions.ltd

Part # HORNETPRO-8S4
Download  HORNETPRO-8S4 Click to download

File Size   1473.74 Kbytes
Page   7 Pages
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd
Description Remote Control System

HORNETPRO-8S4 Datasheet (HTML) - rfsolutions.ltd


HORNETPRO-8S4 Product details

Features:
• Up to 200m Range
• 868MHz FM Technology
• 1 – 4 Channels each 1000W
• Waterproof Receiver (IP68)
• High Security RF Protocol
• 2 / 4 Changeover Relays Contacts Rated 5A @ 230Vac
• 12-30Vac/dc, 110V or 230Vac versions Available
• Outputs Momentary or Latching
• Any Switch Map to Any Relay
• Systems supplied ’ready to Go’

Applications
• General Purpose Remote Switching
• Electric Gates
• Roller Shutter Doors
• Garden Lighting, Sports Grounds

Description
A versatile general purpose Remote Control System for many different applications.
Housed in a rugged IP68 weatherproof enclosure, The new HORNETPRO system is ide-ally suited to any remote switch requirement. With upto 4 changeover Relay switch outputs each output can be controlled from any switch on any transmitter. Additional transmitters may be added to the system using the same ‘easy-learn’ process with-out opening the enclosure.
Installation is by screw terminals to the power supply and the output relay contacts. The output relays are activated by the button press on the transmitter encoder




Similar Part No. - HORNETPRO-8S4

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
HORNET RFSOLUTIONS-HORNET Datasheet
3Mb / 9P
Remote Comtrol System
HORNET-S1 RFSOLUTIONS-HORNET-S1 Datasheet
3Mb / 9P
Remote Comtrol System
HORNET-S1M RFSOLUTIONS-HORNET-S1M Datasheet
3Mb / 9P
Remote Comtrol System
HORNET-S2 RFSOLUTIONS-HORNET-S2 Datasheet
3Mb / 9P
Remote Comtrol System
HORNET-S2M RFSOLUTIONS-HORNET-S2M Datasheet
3Mb / 9P
Remote Comtrol System
More results


Similar Description - HORNETPRO-8S4

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
IR Preamplifier for Remote Control System
logo
List of Unclassifed Man...
SAF1032 ETC-SAF1032 Datasheet
614Kb / 14P
REMOTE CONTROL SYSTEM FOR INFRARED OPERATION
logo
SHANGHAI BELLING CO., L...
BL50436 BELLING-BL50436 Datasheet
56Kb / 2P
Color TV Remote Control System
logo
rfsolutions.ltd
FM-RCHN-XXXRS RFSOLUTIONS-FM-RCHN-XXXRS Datasheet
550Kb / 4P
FM REMOTE CONTROL SYSTEM
logo
List of Unclassifed Man...
HT658-S ETC2-HT658-S Datasheet
168Kb / 6P
CMOS LSI for remote control system applications
logo
rfsolutions.ltd
QUANTAFOB RFSOLUTIONS-QUANTAFOB Datasheet
2Mb / 8P
Remote Control System
logo
Maxim Integrated Produc...
MAXQ617 MAXIM-MAXQ617 Datasheet
943Kb / 29P
Infrared Remote Control System-on-Chip
Rev 0; 12/13
logo
M-System Co.,Ltd.
BA8BM MSYSTEM-BA8BM Datasheet
397Kb / 6P
Remote Control / Supervisory System BA8 Series
logo
Maxim Integrated Produc...
MAXQ616 MAXIM-MAXQ616 Datasheet
41Kb / 2P
Infrared Remote Control System-on-Chip
logo
rfsolutions.ltd
EZTEXT RFSOLUTIONS-EZTEXT Datasheet
1Mb / 9P
GSM Remote Control System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com