Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HORNETPRO-8S4 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # HORNETPRO-8S4
Description  Remote Control System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

HORNETPRO-8S4 Datasheet(HTML) 4 Page - rfsolutions.ltd

  HORNETPRO-8S4 Datasheet HTML 1Page - rfsolutions.ltd HORNETPRO-8S4 Datasheet HTML 2Page - rfsolutions.ltd HORNETPRO-8S4 Datasheet HTML 3Page - rfsolutions.ltd HORNETPRO-8S4 Datasheet HTML 4Page - rfsolutions.ltd HORNETPRO-8S4 Datasheet HTML 5Page - rfsolutions.ltd HORNETPRO-8S4 Datasheet HTML 6Page - rfsolutions.ltd HORNETPRO-8S4 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HORNET PRO
DS-HORNETPRO-3
Link Pins
LK1
LK2
Link Positions
Relay Outputs
LK1
LK2
RLY 1
RLY 2
Open
Open
Mom
Mom
Closed
Open
Mom
Latch
Open
Closed
Flipflop
Flipflop
Closed
Closed
Latch
Latch
230Vac Receiver
Place Link Cap Vertically
Advanced Operation
Configuring receivers
The link pins LK1 and LK2 set the action of the relays
1
/2 sec Mom = Relay will operate for 1/2 sec
Mom
= Relay will operate for as long as transmitter switch operated
Latch
= Relay will toggle ON/OFF on each transmitter button press
FlipFlop
= Relays 1 & 2 and 3 & 4 operate in pairs.
When button 1 is pressed relay 1 switches on, Relay 2 Switches off
When button 2 is pressed relay 2 switches on, Relay 1 Switches off
Relay 3 & 4 operate in the same manor to Transmitter buttons 3 & 4.
Note When using Keyfobs with “ON” “OFF” set the jumper links to MOM, then the receiver
output will energise when ON is pressed and relax when OFF is pressed
Link Positions
Switch relays
LK1
LK2
RLY 1
RLY 2
RLY 3
RLY 4
Open
Open
1
/2 sec
Mom
1
/2 sec
Mom
1
/2 sec
Mom
1
/2 sec
Mom
Closed
Open
Mom
Mom
Latch
Latch
Open
Closed
Mom
Mom
Mom
Mom
Closed
Closed
Latch
Latch
Latch
Latch
Link Pins
LED s
RF Receive
RF Transmit
LEARN
1
2
3
4
12-30V Version



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com