Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDA-001 Datasheet (PDF) - List of Unclassifed Manufacturers

DDA-001 Datasheet PDF - List of Unclassifed Manufacturers
Part # DDA-001
Download  DDA-001 Download
File Size   47.38 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 15Watts 5.0V Output External Adapter

DDA-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDA-001 Datasheet PDF - List of Unclassifed Manufacturers

Part # DDA-001
Download  DDA-001 Click to download

File Size   47.38 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 15Watts 5.0V Output External Adapter

DDA-001 Datasheet (HTML) - List of Unclassifed Manufacturers


DDA-001 Product details

Feature:
l UL safety meet.
l EMI/RFI meet VDE & FCC limit B.
l 2 Year Warranty.




Similar Part No. - DDA-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DDA-43W2S-NMB-K52 ITT-DDA-43W2S-NMB-K52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DDA-50P-K87-F0 ITT-DDA-50P-K87-F0 Datasheet
34Kb / 1P
D Sub
DDA-50S-A197-F0 ITT-DDA-50S-A197-F0 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*A
logo
DOMINANT Semiconductors
DDA-CJS-R1 DOMINANT-DDA-CJS-R1 Datasheet
804Kb / 16P
LED AlInGaP
DDA-CJS-R2 DOMINANT-DDA-CJS-R2 Datasheet
804Kb / 16P
LED AlInGaP
More results


Similar Description - DDA-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMA-1201YZ ETC1-WMA-1201YZ Datasheet
74Kb / 3P
10-15Watts Single Output Wallmount adapter WMA series
logo
Power Integrations, Inc...
DI-22 POWERINT-DI-22 Datasheet
44Kb / 2P
70 W, 19 V External Laptop Adapter
logo
Semtech Corporation
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
logo
HITRON ELECTRONICS CORP...
HDM15-S HITRON-HDM15-S Datasheet
238Kb / 4P
ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15WATTS SINGLE & DUAL OUTPUT
logo
Semtech Corporation
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
logo
Delta Electronics, Inc.
D12S400 DELTA-D12S400 Datasheet
566Kb / 12P
5~13.2Vin, 0.8375~5.0V/ 80A output
logo
Qualtek Electronics Cor...
QPD-15 QUALTEK-QPD-15 Datasheet
2Mb / 2P
15Watts Single Output
logo
Golledge Electronics Lt...
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
logo
Altera Corporation
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
External Output Voltage Programming
logo
Maxim Integrated Produc...
DS33Z11DK MAXIM-DS33Z11DK Datasheet
1Mb / 34P
Integrated Power-Supply Interfaces with 5.0V Wall Adapter
Rev: 080508
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com