Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN5366QI Datasheet (PDF) - Altera Corporation

EN5366QI Datasheet PDF - Altera Corporation
Part # EN5366QI
Download  EN5366QI Download
File Size   1027.33 Kbytes
Page   16 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description External Output Voltage Programming

EN5366QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN5366QI Datasheet PDF - Altera Corporation

Part # EN5366QI
Download  EN5366QI Click to download

File Size   1027.33 Kbytes
Page   16 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description External Output Voltage Programming

EN5366QI Datasheet (HTML) - Altera Corporation




Similar Part No. - EN5366QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5366QI-E ENPIRION-EN5366QI-E Datasheet
841Kb / 16P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
More results


Similar Description - EN5366QI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
71128 VISHAY-71128 Datasheet
77Kb / 7P
Simple Solution for Dynamically Programming the Output Voltage of DC-DC Converters
28-Jan-00
logo
Enpirion, Inc.
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
Margining and Voltage Programming
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
Output Voltage Programming
logo
Microchip Technology
PIC12LF1571 MICROCHIP-PIC12LF1571 Datasheet
543Kb / 32P
HIGH-VOLTAGE ICSP PROGRAMMING
11/29/12
PIC12LF1612 MICROCHIP-PIC12LF1612 Datasheet
359Kb / 38P
HIGH-VOLTAGE ICSP PROGRAMMING
03/25/14
PIC16LF18313 MICROCHIP-PIC16LF18313 Datasheet
487Kb / 44P
HIGH-VOLTAGE ICSP PROGRAMMING
07/14/15
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com