Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN5366QI Datasheet (PDF) - Enpirion, Inc.

EN5366QI Datasheet PDF - Enpirion, Inc.
Part # EN5366QI
Download  EN5366QI Download
File Size   841.84 Kbytes
Page   16 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming

EN5366QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN5366QI Datasheet PDF - Enpirion, Inc.

Part # EN5366QI
Download  EN5366QI Click to download

File Size   841.84 Kbytes
Page   16 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming

EN5366QI Datasheet (HTML) - Enpirion, Inc.




Similar Part No. - EN5366QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
External Output Voltage Programming
More results


Similar Description - EN5366QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results




About Enpirion, Inc.


Enpirion, Inc. was a fabless semiconductor company that specialized in high-efficiency power management solutions. The company was founded in 2001 and was headquartered in Hampton, New Jersey, USA. Enpirion developed and manufactured integrated power systems that integrated power MOSFETs, inductors, and other passive components into a single IC, providing highly efficient power solutions for a range of applications, including telecommunications, networking, data storage, and computing.

In 2014, Enpirion was acquired by Altera Corporation, which is now a subsidiary of Intel Corporation. After the acquisition, Enpirion's technology became part of Altera's power solutions portfolio, which focused on developing highly efficient power management solutions for Altera's field-programmable gate arrays (FPGAs) and system-on-chip (SoC) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com