Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN5336QI Datasheet (PDF) - Enpirion, Inc.

EN5336QI Datasheet PDF - Enpirion, Inc.
Part # EN5336QI
Download  EN5336QI Download
File Size   243.3 Kbytes
Page   13 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming

EN5336QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN5336QI Datasheet PDF - Enpirion, Inc.

Part # EN5336QI
Download  EN5336QI Click to download

File Size   243.3 Kbytes
Page   13 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming

EN5336QI Datasheet (HTML) - Enpirion, Inc.


EN5336QI Product details

Description
The EN5336QI is a Power System on Silicon DCDC converter. It is specifically designed to meet the precise voltage and fast transient requirements of present and future high-performance, low-power processor, DSP, FPGA, memory boards and system level applications in a distributed power architecture. Advanced circuit techniques, ultra high switching frequency, and very advanced, high-density, integrated circuit and proprietary inductor technology deliver high-quality, ultra compact, non-isolated DC-DC conversion. Operating this converter requires only small value input and output ceramic capacitors, a soft-start capacitor and a resistor divider for voltage feedback to set the output voltage to the desired value.

Features
• Integrated INDUCTOR, MOSFETS, Controller
• Footprint 1/3rd that of competing solutions.
• Minimum external components.
• Up to 10W continuous output power.
• 5MHz operating frequency.
• High efficiency, up to 93%.
• VOUT accuracy 3% over line, load and temp.
• Wide input voltage range of 2.375V to 5.5V.
• External resistor divider for voltage feedback and output voltage selection.
• Output enable pin and Power OK signal.
• Programmable soft-start time.
• Programmable over-current protection.
• Thermal shutdown, short circuit, and UVLO
• RoHS compliant, MSL level 3, 260C reflow.

Applications
• Point of load regulation for low-power processors, network processors, DSPs, FPGAs, and ASICs
• Notebook computers, servers, workstations
• Broadband, networking, LAN/WAN, optical
• Low voltage, distributed power architectures with 2.5V, 3.3V or 5V rails
• DSL, STB, DVR, DTV, iPC
• Ripple sensitive applications




Similar Part No. - EN5336QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
Output Voltage Programming
More results


Similar Description - EN5336QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results




About Enpirion, Inc.


Enpirion, Inc. was a fabless semiconductor company that specialized in high-efficiency power management solutions. The company was founded in 2001 and was headquartered in Hampton, New Jersey, USA. Enpirion developed and manufactured integrated power systems that integrated power MOSFETs, inductors, and other passive components into a single IC, providing highly efficient power solutions for a range of applications, including telecommunications, networking, data storage, and computing.

In 2014, Enpirion was acquired by Altera Corporation, which is now a subsidiary of Intel Corporation. After the acquisition, Enpirion's technology became part of Altera's power solutions portfolio, which focused on developing highly efficient power management solutions for Altera's field-programmable gate arrays (FPGAs) and system-on-chip (SoC) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com