Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN5335QI Datasheet (PDF) - Enpirion, Inc.

EN5335QI Datasheet PDF - Enpirion, Inc.
Part # EN5335QI
Download  EN5335QI Download
File Size   238.66 Kbytes
Page   13 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output

EN5335QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN5335QI Datasheet PDF - Enpirion, Inc.

Part # EN5335QI
Download  EN5335QI Click to download

File Size   238.66 Kbytes
Page   13 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output

EN5335QI Datasheet (HTML) - Enpirion, Inc.


EN5335QI Product details

Description
The EN5335QI is a Power System on a Chip (PowerSoC). It is specifically designed to meet the precise voltage and fast transient requirements of present and future highperformance, low-power processor, DSP, FPGA, memory boards and system level applications in a distributed power architecture.

Features
• Integrated INDUCTOR, MOSFETS, Controller
• Footprint 1/3rd that of competing solutions.
• Low Part Count: only 3 MLC Capacitors.
• Up to 10W continuous output power.
• 5MHz operating frequency.
• High efficiency, up to 93%.
• VOUT accuracy 3% over line, load and temp.
• Wide input voltage range of 2.375V to 5.5V.
• 3-pin VID output voltage select to choose one of 7 pre-programmed voltage levels.
• Output enable pin and Power OK signal.
• Programmable soft-start time.
• Programmable over-current protection.
• Thermal shutdown, short circuit, and UVLO
• RoHS compliant, MSL level 3, 260C reflow.

Applications
• Point of load regulation for low-power processors, network processors, DSPs, FPGAs, and ASICs
• Notebook computers, servers, workstations
• Broadband, networking, LAN/WAN, optical
• Low voltage, distributed power architectures with 2.5V, 3.3V or 5V rails
• DSL, STB, DVR, DTV, iPC
• Ripple sensitive applications




Similar Part No. - EN5335QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
More results


Similar Description - EN5335QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5395QI ENPIRION-EN5395QI Datasheet
551Kb / 18P
9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results




About Enpirion, Inc.


Enpirion, Inc. was a fabless semiconductor company that specialized in high-efficiency power management solutions. The company was founded in 2001 and was headquartered in Hampton, New Jersey, USA. Enpirion developed and manufactured integrated power systems that integrated power MOSFETs, inductors, and other passive components into a single IC, providing highly efficient power solutions for a range of applications, including telecommunications, networking, data storage, and computing.

In 2014, Enpirion was acquired by Altera Corporation, which is now a subsidiary of Intel Corporation. After the acquisition, Enpirion's technology became part of Altera's power solutions portfolio, which focused on developing highly efficient power management solutions for Altera's field-programmable gate arrays (FPGAs) and system-on-chip (SoC) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com