Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SB30-00-0BA31 Datasheet (PDF) - Siemens Semiconductor Group

3SB30-00-0BA31 Datasheet PDF - Siemens Semiconductor Group
Part # 3SB30-00-0BA31
Download  3SB30-00-0BA31 Download
File Size   8294.56 Kbytes
Page   80 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3SB3 Pushbuttons and Indicator Lights, 22 mm

3SB30-00-0BA31 Datasheet (PDF)

Go To PDF Page Download Datasheet
3SB30-00-0BA31 Datasheet PDF - Siemens Semiconductor Group

Part # 3SB30-00-0BA31
Download  3SB30-00-0BA31 Click to download

File Size   8294.56 Kbytes
Page   80 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3SB3 Pushbuttons and Indicator Lights, 22 mm

3SB30-00-0BA31 Datasheet (HTML) - Siemens Semiconductor Group


3SB30-00-0BA31 Product details

Application
The devices are climate-proof (KTW 24) and suitable for standard
industrial applications and operation in marine applications.
For operation in oily atmospheres (organic oils/lubricants)
we recommend actuators which are marked as "solvent-resistant".




Similar Part No. - 3SB30-00-0BA31

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3SB300 BEL-3SB300 Datasheet
104Kb / 2P
Slow Blow Fuse Series
logo
Siemens Semiconductor G...
3SB3000-0AA11 SIEMENS-3SB3000-0AA11 Datasheet
129Kb / 3P
22MM PLASTIC ROUND ACTUATOR: PUSHBUTTON WITH FLAT BUTTON WITH HOLDER BLACK
3SB3000-0AA41 SIEMENS-3SB3000-0AA41 Datasheet
131Kb / 3P
22MM PLASTIC ROUND ACTUATOR: PUSHBUTTON WITH FLAT BUTTON WITH HOLDER GREEN
3SB3000-1HA20 SIEMENS-3SB3000-1HA20 Datasheet
134Kb / 3P
22MM PLASTIC ROUND ACTUATOR: EMERGEN.-STOP MUSHR.PUSHB. 40MM LATCH.W. ROT.-TO-UNLATCH MECH. WITH HOLDER RED
3SB3000-2EA11 SIEMENS-3SB3000-2EA11 Datasheet
101Kb / 3P
22MM PLASTIC ROUND ACTUATOR: SELECTOR SWITCH 3 SWITCH POSITIONS I-O-II MOMENTARY CONTACT TYPE NON-ILLUMINATED WITH HOLDER BLACK
More results


Similar Description - 3SB30-00-0BA31

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1030D CML-1030D Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
2150A CML-2150A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
logo
Visual Communications C...
160A-604R VCC-160A-604R Datasheet
108Kb / 1P
Gemlite Relampable Indicator Lights
960 VCC-960 Datasheet
450Kb / 1P
Rectangular indicator Lights
970 VCC-970 Datasheet
840Kb / 2P
Dia Indicator Lights
980 VCC-980 Datasheet
539Kb / 1P
Dia Indicator Lights
logo
List of Unclassifed Man...
M22S-WLKV-W ETC2-M22S-WLKV-W Datasheet
178Kb / 4P
Pushbuttons and Indicating Lights
M22-R10K ETC2-M22-R10K Datasheet
5Mb / 89P
Pushbuttons and Indicating Lights
M22-DP-R ETC2-M22-DP-R Datasheet
5Mb / 89P
Pushbuttons and Indicating Lights
logo
EAO AG.
82-6151.0124 EAO-82-6151.0124 Datasheet
463Kb / 2P
Indicator 22 mm stainless-steel
05.09.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com