Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N139 Datasheet (PDF) - Vishay Siliconix

6N139 Datasheet PDF - Vishay Siliconix
Part # 6N139
Download  6N139 Download
File Size   104.15 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output

6N139 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N139 Datasheet PDF - Vishay Siliconix

Part # 6N139
Download  6N139 Click to download

File Size   104.15 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output

6N139 Datasheet (HTML) - Vishay Siliconix


6N139 Product details

DESCRIPTION

High common mode transient immunity and very high current ratio together with 5300 VRMS insulation are achieved by coupling and LED with an integrated high gain photo detector in an eight pin dual-in-line package. Separate pins for the photo diode and output stage enable TTL compatible saturation voltages with high speed operation.



FEATURES

• High current transfer ratio, 300 %

• Low input current, 0.5 mA

• High output current, 60 mA

• Isolation test voltage, 5300 VRMS

• TTL compatible output, VOL = 0.1 V

• High common mode rejection, 500 V/µs

• Adjustable bandwidth-access to base

• Standard molded dip plastic package

• Lead (Pb)-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



APPLICATIONS

• Logic ground isolation-TTL/TTL, TTL/CMOS, CMOS/CMOS, CMOS/TTL

• EIA RS 232 line receiver

• Low input current line receiver-long lines, party lines

• Telephone ring detector

• 117 VAC line voltage status indication-low input power dissipation

• Low power systems-ground isolation



 




Similar Part No. - 6N139

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Sharp Corporation
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
logo
Siemens Semiconductor G...
6N139 SIEMENS-6N139 Datasheet
32Kb / 2P
LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
249Kb / 13P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Similar Description - 6N139

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
26-Oct-04
6N138 VISHAY-6N138_08 Datasheet
108Kb / 6P
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
07-May-08
SFH6318T VISHAY-SFH6318T Datasheet
129Kb / 7P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
20-Apr-07
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, Low Input Current
23-May-13
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
High Speed Optocoupler, 100 kBd, Low Input Current,
23-Jan-15
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
14-Jul-15
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
24-Sep-2018
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
24-Sep-2018
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
18-Feb-2021
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com