Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH6318T Datasheet (PDF) - Vishay Siliconix

SFH6318T Datasheet PDF - Vishay Siliconix
Part # SFH6318T
Download  SFH6318T Download
File Size   129.96 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 100 kBd, Low Input Current, High Gain

SFH6318T Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH6318T Datasheet PDF - Vishay Siliconix

Part # SFH6318T
Download  SFH6318T Click to download

File Size   129.96 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, 100 kBd, Low Input Current, High Gain

SFH6318T Datasheet (HTML) - Vishay Siliconix


SFH6318T Product details

DESCRIPTION
Very high current ratio together with 4000 VRMS isolation are achieved by coupling an LED with an integrated high gain photo detector in a SOIC-8 package. Separate pins for the photo diode and output stage enable TTL compatible saturation voltages with high speed operation. Photodarlington operation is achieved by tying the VCC and VO terminals together. Access to the base terminal allows adjustment to the gain bandwidth.

FEATURES
• High current transfer ratio, 300 %
• Low input current, 0.5 mA
• High output current, 60 mA
• TTL compatible output, VOL = 0.1 V
• Adjustable bandwidth access to base
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Logic ground isolation - TTL / TTL, TTL / CMOS, CMOS / CMOS, CMOS / TTL
• EIA RS 232C line receiver
• Low input current line receiver long lines, party lines
• Telephone ring detector
• Line voltage status indication - low input power dissipation
• Low power systems - ground isolation




Similar Part No. - SFH6318T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6318T VISHAY-SFH6318T Datasheet
175Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
18-Feb-2021
More results


Similar Description - SFH6318T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Vishay Siliconix
SFH6138 VISHAY-SFH6138 Datasheet
96Kb / 6P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
26-Oct-04
6N139 VISHAY-6N139 Datasheet
104Kb / 6P
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
23-Jan-15
6N138 VISHAY-6N138_08 Datasheet
108Kb / 6P
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
07-May-08
6N139 VISHAY-6N139 Datasheet
187Kb / 9P
High Speed Optocoupler, 100 kBd, Low Input Current,
23-Jan-15
SFH6318 VISHAY-SFH6318 Datasheet
149Kb / 8P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
14-Jul-15
6N139 VISHAY-6N139_18 Datasheet
262Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
24-Sep-2018
6N139 VISHAY-6N139_V01 Datasheet
234Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
24-Sep-2018
SFH6319 VISHAY-SFH6319_V01 Datasheet
175Kb / 10P
High Speed Optocoupler, 100 kBd, Low Input Current, High Gain
18-Feb-2021
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com