Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO3703L Datasheet (PDF) - Alpha & Omega Semiconductors

AO3703L Datasheet PDF - Alpha & Omega Semiconductors
Part # AO3703L
Download  AO3703L Download
File Size   112.08 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO3703L Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3703L Datasheet PDF - Alpha & Omega Semiconductors

Part # AO3703L
Download  AO3703L Click to download

File Size   112.08 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO3703L Datasheet (HTML) - Alpha & Omega Semiconductors


AO3703L Product details

General Description
The AO3703 uses advanced trench technology to provide excellent R DS(ON) and low gate charge. A Schottky diode is provided to facilitate the implementation of a bidirectional blocking switch, or for DC-DC conversion applications.
Standard Product AO3703 is Pb-free (meets ROHS & Sony 259 specifications). AO3703L is a Green Product ordering option. AO3703 and AO3703L are electrically identical.

Features
   VDS (V) = -20V
   ID = -2.7 A (VGS = -10V)
   RDS(ON) < 97mΩ (VGS = -4.5V)
   RDS(ON) < 130mΩ (VGS = -2.5V)
   RDS(ON) < 190mΩ (VGS = -1.8V)

SCHOTTKY
   VDS (V) = 20V, IF = 1A, VF<0.5V@0.5A




Similar Part No. - AO3703L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO3700 AOSMD-AO3700 Datasheet
125Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3701 AOSMD-AO3701 Datasheet
131Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3702 AOSMD-AO3702 Datasheet
135Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
AO3702L AOSMD-AO3702L Datasheet
135Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
AO3705 AOSMD-AO3705 Datasheet
155Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Similar Description - AO3703L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4709 AOSMD-AO4709 Datasheet
198Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4703 AOSMD-AON4703 Datasheet
165Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4701 AOSMD-AON4701 Datasheet
175Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com