Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21TW Datasheet (PDF) - Nanjing International Group Co

BAS21TW Datasheet PDF - Nanjing International Group Co
Part # BAS21TW
Download  BAS21TW Download
File Size   1248.39 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOT-363 Plastic-Encapsulate Diodes

BAS21TW Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21TW Datasheet PDF - Nanjing International Group Co

Part # BAS21TW
Download  BAS21TW Click to download

File Size   1248.39 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description SOT-363 Plastic-Encapsulate Diodes

BAS21TW Datasheet (HTML) - Nanjing International Group Co


BAS21TW Product details

Features
Fast Switching Speed: max. 50ns
Continuous Reverse Voltage: max. 200V
Repetitive Peak Reverse Voltage: max. 250V
Repetitive Peak Forward Current: max. 1A
Small Surface Mount Package
For General Purpose Switching Applications
High Conductance




Similar Part No. - BAS21TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21TW DIODES-BAS21TW Datasheet
108Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev erse
logo
Cystech Electonics Corp...
BAS21TW CYSTEKEC-BAS21TW Datasheet
275Kb / 6P
Switching Diode
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Goodwork Semiconductor ...
BAS21TW GWSEMI-BAS21TW Datasheet
193Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Cystech Electonics Corp...
BAS21TW-0-T1-G CYSTEKEC-BAS21TW-0-T1-G Datasheet
275Kb / 6P
Switching Diode
More results


Similar Description - BAS21TW

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS16TW1T1 WILLAS-BAS16TW1T1 Datasheet
368Kb / 3P
SOT-363 Plastic-Encapsulate Diodes
BAV70DW WILLAS-BAV70DW Datasheet
368Kb / 3P
SOT-363 Plastic-Encapsulate Diodes
MMBD4148TW WILLAS-MMBD4148TW Datasheet
391Kb / 3P
SOT-363 Plastic-Encapsulate Diodes
logo
Bruckewell Technology L...
BAT54TW BWTECH-BAT54TW Datasheet
324Kb / 2P
SOT-363 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAS40TW DGNJDZ-BAS40TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
BAT54ADW DGNJDZ-BAT54ADW Datasheet
946Kb / 5P
SOT-363 Plastic-Encapsulate Diodes
MMBD4448DW DGNJDZ-MMBD4448DW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
MMBD4448TW DGNJDZ-MMBD4448TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
BAS16TW DGNJDZ-BAS16TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
BAS19AVD DGNJDZ-BAS19AVD Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com