Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21TW Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

BAS21TW Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # BAS21TW
Download  BAS21TW Download
File Size   193.57 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description SURFACE MOUNT FAST SWITCHING DIODE ARRAY

BAS21TW Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21TW Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # BAS21TW
Download  BAS21TW Click to download

File Size   193.57 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description SURFACE MOUNT FAST SWITCHING DIODE ARRAY

BAS21TW Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


BAS21TW Product details

Features
Fast Switching Speed: max. 50ns
Continuous Reverse Voltage: max. 200V
Repetitive Peak Reverse Voltage: max. 250V
Repetitive Peak Forward Current: max. 1A
Small Surface Mount Package
For General Purpose Switching Applications
High Conductance




Similar Part No. - BAS21TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21TW DIODES-BAS21TW Datasheet
108Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev erse
logo
Cystech Electonics Corp...
BAS21TW CYSTEKEC-BAS21TW Datasheet
275Kb / 6P
Switching Diode
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Nanjing International G...
BAS21TW DGNJDZ-BAS21TW Datasheet
1Mb / 4P
SOT-363 Plastic-Encapsulate Diodes
logo
Cystech Electonics Corp...
BAS21TW-0-T1-G CYSTEKEC-BAS21TW-0-T1-G Datasheet
275Kb / 6P
Switching Diode
More results


Similar Description - BAS21TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
logo
Comchip Technology
CDSV6-4448C2 COMCHIP-CDSV6-4448C2 Datasheet
85Kb / 2P
Surface Mount FAST Switching Diode ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev 2
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com