Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844251I-14 Datasheet (PDF) - Renesas Technology Corp

ICS844251I-14 Datasheet PDF - Renesas Technology Corp
Part # ICS844251I-14
Download  ICS844251I-14 Download
File Size   385.5 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Crystal-to-LVDS Clock Generator

ICS844251I-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS844251I-14 Datasheet PDF - Renesas Technology Corp

Part # ICS844251I-14
Download  ICS844251I-14 Click to download

File Size   385.5 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock™ Crystal-to-LVDS Clock Generator

ICS844251I-14 Datasheet (HTML) - Renesas Technology Corp


ICS844251I-14 Product details

Features
• One differential LVDS output pair
• Crystal oscillator interface designed for an 18pF, parallel resonant
crystal (23.2MHz – 30MHz)
• Output frequency ranges: 145MHz – 187.5MHz and
580MHz – 750MHz
• VCO range: 580MHz – 750MHz
• RMS phase jitter at 156.25MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.53ps (typical)
• Full 2.5V output supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part use 8T49N242




Similar Part No. - ICS844251I-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
REV. A NOVEMBER 23, 2005
logo
Renesas Technology Corp
ICS844251I-15 RENESAS-ICS844251I-15 Datasheet
1Mb / 14P
FemtoClock™ Crystal-to-LVDS Clock Generator
2019
More results


Similar Description - ICS844251I-14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844251-14 IDT-ICS844251-14 Datasheet
805Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-LVDS CLOCK GENERATOR
844008I-46 IDT-844008I-46 Datasheet
295Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
844201 IDT-844201 Datasheet
541Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
ICS844201I-45 IDT-ICS844201I-45 Datasheet
302Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
844021-01 IDT-844021-01 Datasheet
247Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
844021I-01 IDT-844021I-01 Datasheet
246Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
844071 IDT-844071 Datasheet
246Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
ICS844011 IDT-ICS844011 Datasheet
1,018Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844251-15 RENESAS-ICS844251-15 Datasheet
1Mb / 16P
FemtoClock™ Crystal-to-LVDS Clock Generator
2019
ICS844251I-15 RENESAS-ICS844251I-15 Datasheet
1Mb / 14P
FemtoClock™ Crystal-to-LVDS Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com