Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844251I-14 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS844251I-14
Description  FemtoClock™ Crystal-to-LVDS Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844251I-14 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS844251I-14 Datasheet HTML 1Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 2Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 3Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 4Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 5Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 6Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 7Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 8Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ICS844251BGI-14 REVISION A June 6, 2016
4
©2016 Integrated Device Technology, Inc.
ICS844251I-14 Data Sheet
FEMTOCLOCK™ CRYSTAL-TO-LVDS CLOCK GENERATOR
Table 4. Crystal Characteristics
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Refer to Phase Noise Plots.
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
23.2
30
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
FREQ_SEL = 0
145
187.5
MHz
FREQ_SEL = 1
580
750
MHz
tjit(Ø)
RMS Phase Jitter, Random;
NOTE 1
156.25MHz,
Integration Range: 1.875MHz – 20MHz
0.54
ps
625MHz,
Integration Range: 1.875MHz – 20MHz
0.45
ps
tR / tF
Output Rise/Fall Time
20% to 80%
70
550
ps
odc
Output Duty Cycle
FREQ_SEL = 0
48
52
%
FREQ_SEL = 1
46
54
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com