Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91857 Datasheet (PDF) - Renesas Technology Corp

ICS91857 Datasheet PDF - Renesas Technology Corp
Part # ICS91857
Download  ICS91857 Download
File Size   340.82 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Value SSTL_2 Clock Driver (60MHz - 220MHz)

ICS91857 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS91857 Datasheet PDF - Renesas Technology Corp

Part # ICS91857
Download  ICS91857 Click to download

File Size   340.82 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Value SSTL_2 Clock Driver (60MHz - 220MHz)

ICS91857 Datasheet (HTML) - Renesas Technology Corp


ICS91857 Product details

Product Description/Features:
• Meets PC3200 specification for DDRI-400 support
• Low skew, low jitter PLL clock driver
• 1 to 10 differential clock distribution (SSTL_2)
• Feedback pins for input to output synchronization
• PD# for power management
• Spread Spectrum tolerant inputs
• Auto PD when input signal removed
Switching Characteristics:
• CYCLE - CYCLE jitter (>100MHz):<75ps
• OUTPUT - OUTPUT skew: <100ps




Similar Part No. - ICS91857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91857 ICST-ICS91857 Datasheet
136Kb / 14P
Value SSTL_2 Clock Driver (60MHz - 220MHz)
ICS91857YGLFT-LF-T ICST-ICS91857YGLFT-LF-T Datasheet
136Kb / 14P
Value SSTL_2 Clock Driver (60MHz - 220MHz)
ICS91857YLLFT-LF-T ICST-ICS91857YLLFT-LF-T Datasheet
136Kb / 14P
Value SSTL_2 Clock Driver (60MHz - 220MHz)
More results


Similar Description - ICS91857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
SSTV16857 PHILIPS-SSTV16857 Datasheet
110Kb / 12P
14-bit SSTL_2 registered driver with differential clock inputs
2002 Sep 27
logo
Alliance Semiconductor ...
ASM5CVF857 ALSC-ASM5CVF857 Datasheet
225Kb / 15P
2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
logo
Integrated Circuit Syst...
ICS91857 ICST-ICS91857 Datasheet
136Kb / 14P
Value SSTL_2 Clock Driver (60MHz - 220MHz)
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS95V157 RENESAS-ICS95V157 Datasheet
358Kb / 10P
2.5V Single-Ended to SSTL_2 Clock Driver (45MHz - 233MHz)
2019
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com