Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1507777 Datasheet (PDF) - PHOENIX CONTACT

1507777 Datasheet PDF - PHOENIX CONTACT
Part # 1507777
Download  1507777 Download
File Size   1695.83 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FSB-5CON-PG9 SH AU - Data connector

1507777 Datasheet (PDF)

Go To PDF Page Download Datasheet
1507777 Datasheet PDF - PHOENIX CONTACT

Part # 1507777
Download  1507777 Click to download

File Size   1695.83 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12FSB-5CON-PG9 SH AU - Data connector

1507777 Datasheet (HTML) - PHOENIX CONTACT


1507777 Product details

Data connector, PROFIBUS, INTERBUS, 5-position, shielded, Socket straight M12, B, Screw
connection, knurl material: Zinc die-cast, nickel-plated, cable gland Pg9, external cable diameter
6.5 mm ... 8.5 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1507777

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15077 ETC1-15077 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
15077 MULTICOMP-15077 Datasheet
231Kb / 3P
Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
23/06/22 V1.0
15077 MULTICOMP-15077 Datasheet
211Kb / 3P
Normal Wall Tubing (2X) Flexible, Halogen Free, Polyolefin, Heat Shrink
23/09/22 V1.0
logo
Pro-Power
15077 PROPOWER-15077 Datasheet
311Kb / 5P
2:1 Normal Wall Heatshrink Tubing
V1.1 09/03/20
logo
Weidmuller
1507730000 WEIDMULLER-1507730000 Datasheet
306Kb / 4P
SL 5.08/03/135B 3.2SN BK BX
More results


Similar Description - 1507777

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1401097 PHOENIX-1401097 Datasheet
91Kb / 4P
Bus system connector - SACC-M12FSB-5CON-PG9 SH XL PB
1432512 PHOENIX-1432512 Datasheet
84Kb / 5P
Flush-type connector - SACC-CI-M12FSB-5CON-L90 SH SCO
1507764 PHOENIX-1507764 Datasheet
200Kb / 5P
SACC-M12MSB-5CON-PG9 SH AU
Jan 6, 2011
1424696 PHOENIX-1424696 Datasheet
157Kb / 11P
Data connector - SACC-M12FSB-3PL SH PB
09/11/2020
1508365 PHOENIX-1508365 Datasheet
141Kb / 9P
Data connector - SACC-M12FS-5CON-PG 9 SH AU
09/11/2020
1508352 PHOENIX-1508352 Datasheet
525Kb / 15P
SACC-M12MS-5CON-PG 9 SH AU - Data connector
1424676 PHOENIX-1424676 Datasheet
1Mb / 18P
SACC-M12FSB-5PL SH IB - Data connector
1440135 PHOENIX-1440135 Datasheet
1Mb / 13P
SACC-M12FSB-5CON-DM 5-8 SH VA - Connector
1413932 PHOENIX-1413932 Datasheet
1Mb / 14P
SACC-M12FSB-2QO SH PB - Data connector
1515044 PHOENIX-1515044 Datasheet
1Mb / 13P
SACC-EC-M12FSB-5CON-PG9/0,5 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com