Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5155 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM5155 Datasheet PDF - Texas Instruments
Part # LM5155
Download  LM5155 Download
File Size   1888.95 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller

LM5155 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5155 Datasheet PDF - Texas Instruments

Part # LM5155
Download  LM5155 Click to download

File Size   1888.95 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller

LM5155 Datasheet (HTML) - Texas Instruments


LM5155 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Wide input operating range for car and portable
battery applications
– 3.5-V to 45-V Operating range
– 2.97-V to 16-V When BIAS = VCC
– Minimum boost supply voltage 1.5 V when
BIAS ≥ 3.5 V
– Input transient protection up to 50 V
• Minimized battery drain
– Low shutdown current (IQ ≤ 2.6 μA)
– Low operating current (IQ ≤ 480 μA)
• Small solution size and low cost
– Maximum switching frequency of 2.2 MHz
– 12-Pin WSON package (3 mm × 2 mm) with
wettable flanks
– Integrated error amplifier allows primary-side
regulation without optocoupler (flyback)
– Minimized undershoot during cranking (startstop
application)
• Higher efficiency with low-power dissipation
– 100-mV ±7% Low current limit threshold
– Strong 1.5-A peak standard MOSFET driver
– Supports external VCC supply
• Avoid AM band interference and crosstalk
– Optional clock synchronization
– Dynamically programmable switching frequency
from 100 kHz to 2.2 MHz
• Integrated protection features
– Constant peak current limiting over input
voltage
– Optional hiccup mode short-circuit protection
(see the Device Comparison Table)
– Programmable line UVLO
– OVP protection
– Thermal shutdown
• Accurate ±1% accuracy feedback reference
• Programmable extra slope compensation
• Adjustable soft start
• PGOOD indicator
• Create a custom design using the LM5155x with
the WEBENCH® power designer

2 Applications
• Automotive start-stop application
• High voltage LiDAR power supply
• Multiple-output flyback without optocoupler
• Automotive rear-lights LED bias supply
• Wide input boost, SEPIC, flyback power module
• Portable speaker application
• Battery-powered boost, SEPIC, flyback

3 Description
The LM5155x-Q1 (LM5155-Q1 and LM51551-Q1) is a
wide input range, non-synchronous boost controller
that uses peak current mode control. The device can
be used in boost, SEPIC, and flyback topologies.
The LM5155x-Q1 can start up from a 1-cell battery
with a minimum of 2.97 V if the BIAS pin is connected
to the VCC pin. It can operate with the input supply
voltage as low as 1.5 V if the BIAS pin is greater than
3.5 V.




Similar Part No. - LM5155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155 TI1-LM5155 Datasheet
1Mb / 49P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155 TI1-LM5155 Datasheet
918Kb / 47P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155 TI2-LM5155 Datasheet
1Mb / 48P
LM5155x 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED AUGUST 2023
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1 Datasheet
1Mb / 49P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
More results


Similar Description - LM5155

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
logo
Texas Instruments
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155 TI1-LM5155 Datasheet
1Mb / 49P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1_V01 Datasheet
918Kb / 47P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5156-Q1 TI1-LM5156-Q1 Datasheet
884Kb / 48P
LM5156x-Q1 2.2-MHz Wide VIN 65-V Non-synchronous Boost/SEPIC/Flyback Controller with Dual Random Spread Spectrum
LM5156H-Q1 TI-LM5156H-Q1 Datasheet
2Mb / 49P
LM5156xH-Q1 2.2-MHz Wide VIN 65-V Non-synchronous Boost/SEPIC/Flyback Controller with 150째C Maximum Junction Temperature
LM34966-Q1 TI-LM34966-Q1 Datasheet
2Mb / 48P
LM34966-Q1 500kHz Wide VIN Non-synchronous Boost/SEPIC/Flyback Controller
LM5157-Q1 TI-LM5157-Q1 Datasheet
1Mb / 42P
LM5157x-Q1 2.2-MHz Wide VIN 50-V Boost/SEPIC/Flyback Converter with Dual Random Spread Spectrum
LM5158-Q1 TI-LM5158-Q1 Datasheet
1Mb / 47P
LM5158x-Q1 2.2-MHz Wide VIN 85-V Output Boost/SEPIC/Flyback Converter with Dual Random Spread Spectrum
REVISED OCTOBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com