Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5155 Datasheet (PDF) - Texas Instruments

LM5155 Datasheet PDF - Texas Instruments
Part # LM5155
Download  LM5155 Download
File Size   1580.61 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5155x 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller

LM5155 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5155 Datasheet PDF - Texas Instruments

Part # LM5155
Download  LM5155 Click to download

File Size   1580.61 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5155x 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller

LM5155 Datasheet (HTML) - Texas Instruments


LM5155 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Wide input operating range for battery applications
– 3.5-V to 45-V operating range
– 2.97-V to 16-V when BIAS = VCC
– Minimum boost supply voltage 1.5 V when
BIAS ≥ 3.5 V
– Input transient protection up to 50 V
• Minimized battery drain
– Low shutdown current (IQ ≤ 2.6 μA)
– Low operating current (IQ ≤ 480 μA)
• Small solution size and low cost
– Maximum switching frequency of 2.2 MHz
– 12-Pin WSON package (3 mm × 2 mm)
– Integrated error amplifier allows primary-side
regulation without optocoupler (flyback)
– Minimized undershoot during cranking (startstop
application)
• Higher efficiency with low-power dissipation
– 100-mV ±7% Low current limit threshold
– Strong 1.5-A peak standard MOSFET driver
– Supports external VCC supply
• Avoid AM band interference and crosstalk
– Optional clock synchronization
– Dynamically programmable switching frequency
from 100 kHz to 2.2 MHz
• Integrated protection features
– Constant peak current limiting over input
voltage
– Optional hiccup mode short-circuit protection
(see the Device Comparison Table)
– Programmable line UVLO
– OVP protection
– Thermal shutdown
• Accurate ±1% accuracy feedback reference
• Programmable extra slope compensation
• Adjustable soft start
• PGOOD indicator
• Create a custom design using the LM5155x with
the WEBENCH® power designer

2 Applications
• Multiple-output flyback without optocoupler
• LED bias supply
• Wide input boost, SEPIC, flyback power module
• Portable speaker application
• Battery-powered boost, SEPIC, flyback

3 Description
The LM5155x (LM5155 and LM51551) is a wide input
range, non-synchronous boost controller that uses
peak current mode control. The device can be used
in boost, SEPIC, and flyback topologies.
The LM5155x can start up from a 1-cell battery with a
minimum of 2.97 V if the BIAS pin is connected to the
VCC pin. It can operate with the input supply voltage
as low as 1.5 V if the BIAS pin is greater than 3.5 V.




Similar Part No. - LM5155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5155 TI1-LM5155 Datasheet
1Mb / 49P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155 TI1-LM5155 Datasheet
918Kb / 47P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155 TI-LM5155 Datasheet
1Mb / 51P
LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1 Datasheet
1Mb / 49P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
More results


Similar Description - LM5155

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
logo
Texas Instruments
LM5155-Q1 TI1-LM5155-Q1 Datasheet
169Kb / 9P
2.2-MHz Wide Input Nonsynchronous Boost, Sepic, Flyback Controller
LM5155 TI1-LM5155 Datasheet
1Mb / 49P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI1-LM5155-Q1_V01 Datasheet
918Kb / 47P
2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
LM5155-Q1 TI-LM5155-Q1_V02 Datasheet
1Mb / 51P
LM5155x-Q1 2.2-MHz Wide Input Nonsynchronous Boost, SEPIC, Flyback Controller
REVISED JANUARY 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com