Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-06 Datasheet (PDF) - JST Mfg. Co., Ltd.

RF-06 Datasheet PDF - JST Mfg. Co., Ltd.
Part # RF-06
Download  RF-06 Download
File Size   896.67 Kbytes
Page   4 Pages
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.
Description RF CONNECTOR

RF-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF-06 Datasheet PDF - JST Mfg. Co., Ltd.

Part # RF-06
Download  RF-06 Click to download

File Size   896.67 Kbytes
Page   4 Pages
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.
Description RF CONNECTOR

RF-06 Datasheet (HTML) - JST Mfg. Co., Ltd.


RF-06 Product details

Features
● Highly reliable, yet low in cost
Our original double-leaf spring construction withstands
the stresses caused by repeated insertions and withdrawals
and ensures reliable contact performance. Depending on
the application, the socket contacts and header posts can be
selectively gold-plated or fully tin-plated to minimize costs.
● Space-saving, high-density design
The 2.54mm pitch contacts are arranged in two rows.
The mated connectors can be placed side by side or end to
end without a loss in pitch. This facilitates space-saving,
high-density circuit designs.
● Easy connection
A slight force is all that is required for contact insertion
because the housing has resilient lances. Furthermore,
the positions of the contacts in the housing can be visually
checked. This facilitates insertion of the contacts in
the housing.
● It can be cut to any length to provide a header
with any number of circuits
Notches are provided on the insulator that allow it to be cut
to any length without using special tools.




Similar Part No. - RF-06

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
RF-06A ACCRETECH-RF-06A Datasheet
205Kb / 2P
Measuring Heads for Small-Diameter Inner-Surface Grinders
More results


Similar Description - RF-06

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF1-01A-D-00-75-M-HT ADAM-TECH-RF1-01A-D-00-75-M-HT Datasheet
80Kb / 1P
RF CONNECTOR TYPE BNC
RF1-23-V-XX-50 ADAM-TECH-RF1-23-V-XX-50 Datasheet
67Kb / 1P
RF CONNECTOR TYPE BNC
RF4-08-T-00-75 ADAM-TECH-RF4-08-T-00-75 Datasheet
71Kb / 1P
RF CONNECTOR
RF4-22-P-00-75 ADAM-TECH-RF4-22-P-00-75 Datasheet
98Kb / 1P
RF CONNECTOR
RF4-28-X-04-75 ADAM-TECH-RF4-28-X-04-75 Datasheet
83Kb / 1P
RF CONNECTOR
RF12-05-T-00-50-G ADAM-TECH-RF12-05-T-00-50-G Datasheet
83Kb / 1P
RF CONNECTOR TYPE MMCX
RF28-01-T-00-50-G-TR ADAM-TECH-RF28-01-T-00-50-G-TR Datasheet
84Kb / 1P
RF CONNECTOR RECEPTACLE
logo
PHOENIX CONTACT
1607297 PHOENIX-1607297 Datasheet
426Kb / 11P
RF-12S2N8A80DU - Cable connector
1607275 PHOENIX-1607275 Datasheet
428Kb / 11P
RF-12S1N8A8003 - Cable connector
1607340 PHOENIX-1607340 Datasheet
434Kb / 12P
RF-17S1N8A80DU - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com