Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-06 Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # RF-06
Description  RF CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

RF-06 Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  RF-06 Datasheet HTML 1Page - JST Mfg. Co., Ltd. RF-06 Datasheet HTML 2Page - JST Mfg. Co., Ltd. RF-06 Datasheet HTML 3Page - JST Mfg. Co., Ltd. RF-06 Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.54
(1.83)
6.2
2.54
(1.83)
6.2
3.4
0.64
2.54
1.27
0.64
2.54
1.27
Model No.
Material
Wafer
Post
Finish
RF-H( *)
2TD-1130
RF-H( *)
2TD-1190
PBT,
UL94V-0,
black
Brass
Nickel-undercoated,
gold-plated
Copper-undercoated, tin-plated
(reflow treatment)
Model No.
Material
Wafer
Post
Finish
RF-H( *)
2SD-1110
RF-H( *)
2SD-1190
PBT,
UL94V-0,
black
Brass
Nickel-undercoated,
Mating part: gold-plated
Solder tail: tin-plated (reflow treatment)
Copper-undercoated, tin-plated
(reflow treatment)
Top entry type
Side entry type
Top entry type
Side entry type
RoHS compliance Tin-plated product displays (LF)(SN) on a label.
Note:
1. A two-digit number (02 to 60 even numbers only) representing the number
of circuits should be inserted in ( * ).
Determine the number depending on the number of circuits of the housing
or header.
2. Contact JST for special products.
RF CONNECTOR
RFCONNECTOR
Disconnectable Crimp style connectors
RF CONNECTOR
RF CONNECTOR
2.54mm
pitch
Crimp
RF CONNECTOR
RFCONNECTOR
Disconnectable Crimp style connectors
RF CONNECTOR
RF CONNECTOR
2.54mm
pitch
Crimp
2
Contact
6.1
1.2
3.6
11.5
Model No.
Applicable wire
mm2
AWG # Insulation O.D.
(mm)
Finish
Q'ty /
reel
Material
RF-SC2210
RF-SC2290
0.05 to 0.22
30 to 24
0.9 to 1.5
Phosphor bronze
Nickel-undercoated,
Mating part: gold-plated
Crimping part: tin-plated (reflow treatment)
Tin-plated (reflow treatment)
10,000
Housing
Model No.
Dimensions (mm)
No. of
circuits
A
B
Q'ty /
box
Material
6
8
10
12
14
16
20
28
RF-06
RF-08
RF-10
RF-12
RF-14
RF-16
RF-20
RF-28
5.08
7.62
10.16
12.70
15.24
17.78
22.86
33.02
7.62
10.16
12.70
15.24
17.78
20.32
25.40
35.56
500
500
500
500
300
300
200
200
PBT, UL94V-0, black
RoHS compliance RF-SC2210 displays (LF)(SN) on a label.
Header
RoHS compliance
B
A
1.27
2.54
JST
9
10
2
2.54
5.08
1.27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com