Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2889 Datasheet (PDF) - Texas Instruments

TMUX2889 Datasheet PDF - Texas Instruments
Part # TMUX2889
Download  TMUX2889 Download
File Size   1410.66 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic

TMUX2889 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX2889 Datasheet PDF - Texas Instruments

Part # TMUX2889
Download  TMUX2889 Click to download

File Size   1410.66 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic

TMUX2889 Datasheet (HTML) - Texas Instruments


TMUX2889 Product details

1 Features
• Supply range: 1.8 V to 5.5 V
• Beyond the supply signal range: -5.5 V to 5.5 V
• High current support: >1A (maximum)
• Ultra-low on-resistance: 0.2 Ω
• Low on-resistance flatness: 1 mΩ
• Low THD+N: 0.001% (-100 dB)
• –40°C to +125°C operating temperature
• Powered off protection
• Over temperature protection
• 1.8 V logic compatible
• Fail-safe logic
• Break-before-make switching

2 Applications
• Land mobile radios
• Defense radios
• Ultrasonic gas flow transmitters
• Smart drug delivery
• Analog input modules
• Industrial module detection
• RS485/232

3 Description
The TMUX2889 is a complementary metal-oxide
semiconductor (CMOS) multiplexer with two
independently selectable 2:1, single-pole, doublethrow
(SPDT) switch channels. This device works
with a single supply (1.6 V to 5.5 V), but can pass
bidirectional analog and digital signals beyond the
supply from -5.5 V to 5.5 V.
The TMUX2889 also features powered off protection
up to ±5.5 V, which isolates the switch even when
there is no supply voltage present (VDD = 0 V).
Without this protection feature, any voltage on the
switch can back-power the supply rail through an
internal ESD diode and cause potential damage to the
rest of the system.
With 0.001% THD+N and 1 mΩ RON-flatness, the
TMUX2889 is designed for passing precision analog
and audio signals without adding distortion.




Similar Part No. - TMUX2889

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX2889 TI1-TMUX2889 Datasheet
1Mb / 37P
TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
REVISED JULY 2023
TMUX2889YBHR TI1-TMUX2889YBHR Datasheet
1Mb / 37P
TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
REVISED JULY 2023
TMUX2889 TI1-TMUX2889_V01 Datasheet
1Mb / 37P
TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
REVISED JULY 2023
More results


Similar Description - TMUX2889

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1511 TI1-TMUX1511 Datasheet
306Kb / 22P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1574 TI1-TMUX1574 Datasheet
563Kb / 28P
Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX1511 TI1-TMUX1511_18 Datasheet
891Kb / 26P
Low-Capacitance, 1:1 (SPST) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX1248 TI-TMUX1248 Datasheet
1Mb / 30P
TMUX1248 3-廓 Low RON, 5-V, 2:1 (SPDT) General Purpose Switch with 1.8-V Logic
TMUX6219 TI-TMUX6219_V01 Datasheet
1Mb / 43P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
TMUX4827 TI-TMUX4827 Datasheet
1Mb / 32P
TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
REVISED JUNE 2023
TMUX2889 TI1-TMUX2889_V01 Datasheet
1Mb / 37P
TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com