Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2889 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX2889
Description  TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX2889 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX2889 Datasheet HTML 1Page - Texas Instruments TMUX2889 Datasheet HTML 2Page - Texas Instruments TMUX2889 Datasheet HTML 3Page - Texas Instruments TMUX2889 Datasheet HTML 4Page - Texas Instruments TMUX2889 Datasheet HTML 5Page - Texas Instruments TMUX2889 Datasheet HTML 6Page - Texas Instruments TMUX2889 Datasheet HTML 7Page - Texas Instruments TMUX2889 Datasheet HTML 8Page - Texas Instruments TMUX2889 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Thermal Information....................................................5
6.4 Recommended Operating Conditions.........................5
6.5 Source or Drain Continuous Current...........................5
6.6 Electrical Characteristics.............................................6
6.7 Switching Characteristics............................................7
7 Parameter Measurement Information............................ 8
7.1 On-Resistance............................................................ 8
7.2 On-Leakage Current................................................... 8
7.3 Off-Leakage Current................................................... 9
7.4 Power-Off Leakage Current........................................ 9
7.5 tON (VDD) and tOFF (VDD) Time..................................... 10
7.6 Transition Time......................................................... 10
7.7 Break-Before-Make................................................... 11
7.8 Propagation Delay.....................................................11
7.9 THD + Noise............................................................. 12
7.10 Power Supply Rejection Ratio (PSRR)................... 12
7.11 Charge Injection...................................................... 13
7.12 Bandwidth............................................................... 13
7.13 Off Isolation.............................................................14
7.14 Crosstalk................................................................. 14
8 Detailed Description......................................................16
8.1 Functional Block Diagram......................................... 16
8.2 Truth Table................................................................ 16
8.3 Feature Description...................................................16
9 Application and Implementation.................................. 18
9.1 Application Information............................................. 18
9.2 Typical Applications ................................................. 18
9.3 Power Supply Recommendations.............................20
10 Device and Documentation Support..........................21
10.1 Receiving Notification of Documentation Updates..21
10.2 Support Resources................................................. 21
10.3 Trademarks.............................................................21
10.4 Electrostatic Discharge Caution..............................21
10.5 Glossary..................................................................21
11 Mechanical, Packaging, and Orderable
Information.................................................................... 21
11.1 Tape and Reel Information...................................... 22
11.2 Mechanical Data..................................................... 24
4 Revision History
DATE
REVISION
NOTES
June 2022
*
Initial Release
TMUX2889
SCDS464 – JUNE 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com