Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX2889 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX2889
Description  TMUX2889 5 V Beyond the Supply, Low Ron, Powered Off Protection Switch with 1.8 V Logic
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX2889 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX2889 Datasheet HTML 9Page - Texas Instruments TMUX2889 Datasheet HTML 10Page - Texas Instruments TMUX2889 Datasheet HTML 11Page - Texas Instruments TMUX2889 Datasheet HTML 12Page - Texas Instruments TMUX2889 Datasheet HTML 13Page - Texas Instruments TMUX2889 Datasheet HTML 14Page - Texas Instruments TMUX2889 Datasheet HTML 15Page - Texas Instruments TMUX2889 Datasheet HTML 16Page - Texas Instruments TMUX2889 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
7.11 Charge Injection
Any mismatch in capacitance results in a charge injected into the drain or source during the falling or rising edge
of the gate signal. The amount of charge injected into the source or drain of the device is known as charge
injection, and is denoted by the symbol QC. Figure 7-11 shows the setup used to measure charge injection from
Drain (D) to Source (Sx).
V
DD
V
DD
OUTPUT
C
L
SELx
S1A
D1
GND
0.1
F
V
OUT
Output
V
S
Q
C = CL ×
V
OUT
V
OUT
V
SEL
V
D
S1B
N.C.
0 V
V
DD
VSEL
OUTPUT
C
L
S2A
D2
V
OUT
S2B
N.C.
Figure 7-11. Charge-Injection Measurement Setup
7.12 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3 dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the drain pin (D) of the device. Figure
7-12 shows the setup used to measure bandwidth.
GND
NETWORK
ANALYZER
V
OUT
S
D
50
V
SIG
R
L
50
V
S
V
DD
0.1 µF
SxA / SxB
R
L
50
Figure 7-12. Bandwidth Measurement Setup
www.ti.com
TMUX2889
SCDS464 – JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com