Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTK8002D Datasheet (PDF) - List of Unclassifed Manufacturers

LTK8002D Datasheet PDF - List of Unclassifed Manufacturers
Part # LTK8002D
Download  LTK8002D Download
File Size   1133.57 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Class AB Audio Amplifier

LTK8002D Datasheet (PDF)

Go To PDF Page Download Datasheet
LTK8002D Datasheet PDF - List of Unclassifed Manufacturers

Part # LTK8002D
Download  LTK8002D Click to download

File Size   1133.57 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Class AB Audio Amplifier

LTK8002D Datasheet (HTML) - List of Unclassifed Manufacturers


LTK8002D Product details

features
 Built-in switch pop suppression circuit
 10% THD+N, VDD=5V, under 4Ω load, provide
Up to 2.9W output power
 10% THD+N, VDD=5V, under 8Ω load, provide
Up to 1.8W output power
 Shutdown current < 0.5uA
 Package mode: SOP-8
 Overheat protection




Similar Part No. - LTK8002D

ManufacturerPart #DatasheetDescription
logo
Weller Tools
LTK WELLER-LTK Datasheet
80Kb / 4P
Soldering Tips
logo
LTKCHIP TECHNOLOGY
LTK 5128D LTKCHIP-LTK 5128D Datasheet
1Mb / 9P
Class AB/D Audio Amplifier
2014 V1.1
logo
Contrinex AG Industrial...
LTK-0507-301 CONTRINEX-LTK-0507-301 Datasheet
116Kb / 2P
Photoelektrische Sensoren
LTK-0507-301-501 CONTRINEX-LTK-0507-301-501 Datasheet
119Kb / 2P
Photoelektrische Sensoren
LTK-0507-301-502 CONTRINEX-LTK-0507-301-502 Datasheet
121Kb / 2P
Photoelektrische Sensoren
More results


Similar Description - LTK8002D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
1W Class AB Audio Power Amplifier
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
2W Class AB Audio Amplifier with Chip Enable
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM4890 HMSEMI-HM4890 Datasheet
760Kb / 11P
1 Watt CLASS-AB Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com