Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2367 Datasheet (PDF) - Princeton Technology Corp

PT2367 Datasheet PDF - Princeton Technology Corp
Part # PT2367
Download  PT2367 Download
File Size   149.68 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1W Class AB Audio Power Amplifier

PT2367 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2367 Datasheet PDF - Princeton Technology Corp

Part # PT2367
Download  PT2367 Click to download

File Size   149.68 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1W Class AB Audio Power Amplifier

PT2367 Datasheet (HTML) - Princeton Technology Corp


PT2367 Product details

DESCRIPTION
PT2367 is an audio power amplifier IC utilizing advanced CMOS technology. It can deliver 1W power output under 5V supply voltage. The power consumption is very low in stand-by mode. Built-in over-temperature protection, package size is not occupies PCB space. It is suitable for small or portable products.

FEATURES
• CMOS technology
• Output power 1W (8Ω)
• Low harmonics distortion
• Built-in pop and click noise suppress
• Shutdown function, turn on can into save mode (Icc<0.1µA)
• Built-in over-temperature protection

APPLICATIONS
• DSC, PDA
• LCD TV or Monitor
• Electronics handy dictionary and translator
• Multimedia speaker
• Other A/V applications




Similar Part No. - PT2367

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366-MS PTC-PT2366-MS Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366-MS PTC-PT2366-MS Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
More results


Similar Description - PT2367

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
Three-Channel Class AB Audio Power Amplifier IC
logo
Princeton Technology Co...
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM4890 HMSEMI-HM4890 Datasheet
760Kb / 11P
1 Watt CLASS-AB Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203A AITSEMI-A2203A Datasheet
2Mb / 16P
CLASS AB 1W DIFFERENTIAL AUDIO POWER AMPLIFIERS
REV1.0
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
Class AB Audio Amplifier
2014 V1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com