Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1191 Datasheet (PDF) - Analog Devices

ADM1191 Datasheet PDF - Analog Devices
Part # ADM1191
Download  ADM1191 Download
File Size   389.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Power Monitor with Convert Pin and ALERTB O

ADM1191 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1191 Datasheet PDF - Analog Devices

Part # ADM1191
Download  ADM1191 Click to download

File Size   389.66 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Digital Power Monitor with Convert Pin and ALERTB O

ADM1191 Datasheet (HTML) - Analog Devices


ADM1191 Product details

GENERAL DESCRIPTION
The ADM1191 is an integrated current sense amplifier that offers digital current and voltage monitoring via an on-chip, 12-bit analog-to-digital converter (ADC), communicated through an I2C interface.

FEATURES
    Powered from 3.15 V to 26 V
    Precision current sense amplifier
    Precision voltage input
    12-bit ADC for current and voltage readback
    Convert pin (CONV) for commanding an ADC read
    SETV input for setting overcurrent alert threshold
    ALERTB output provides an overcurrent interrupt
    I2C® fast mode-compliant interface (400 kHz maximum)
    Two address pins allow 16 devices on the same bus
    10-lead MSOP

APPLICATIONS
    Power monitoring/power budgeting
    Central office equipment
    Telecommunication and data communication equipment
    PCs/servers




Similar Part No. - ADM1191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1191 AD-ADM1191 Datasheet
403Kb / 16P
Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1191-2ARMZ-R7 AD-ADM1191-2ARMZ-R7 Datasheet
403Kb / 16P
Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1191 AD-ADM1191_08 Datasheet
403Kb / 16P
Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
More results


Similar Description - ADM1191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
9/06-Revision 0
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
9/06-Revision 0
ADM1192 AD-ADM1192_08 Datasheet
415Kb / 20P
Digital Power Monitor with Clear Pin and ALERT Output
REV. B
ADM1191 AD-ADM1191_08 Datasheet
403Kb / 16P
Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
Precision Digital Power Monitor with Margining
March 18, 2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com