Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1177 Datasheet (PDF) - Analog Devices

ADM1177 Datasheet PDF - Analog Devices
Part # ADM1177
Download  ADM1177 Download
File Size   203.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot Swap Controller and Digital Power Monitor with Soft-Start Pin

ADM1177 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1177 Datasheet PDF - Analog Devices

Part # ADM1177
Download  ADM1177 Click to download

File Size   203.83 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot Swap Controller and Digital Power Monitor with Soft-Start Pin

ADM1177 Datasheet (HTML) - Analog Devices


ADM1177 Product details

GENERAL DESCRIPTION
The ADM1177 is an integrated hot swap controller that offers digital current and voltage monitoring via an on-chip, 12-bit analog-to-digital converter (ADC), communicated through an I2C® interface.

FEATURES
   Allows safe board insertion and removal from
      a live backplane
   Controls supply voltages from 3.15 V to 16.5 V
   Precision current sense amplifier
   Precision voltage input
   12-bit ADC for current and voltage readback
   Charge pumped gate drive for external N-channel FET
   Adjustable analog current limit with circuit breaker
   ±3% accurate hot swap current limit level
   Fast response limits peak fault current
   Automatic retry or latch-off on current fault
   Programmable hot swap timing via TIMER pin
   Soft start pin for reference adjustment and programming of
      initial current ramp rate
   Active high ON pin
   I2C fast mode-compliant interface (400 kHz maximum)
   10-lead MSOP

APPLICATIONS
   Power monitoring/power budgeting
   Central office equipment
   Telecommunications and data communications equipment
   PCs/servers




Similar Part No. - ADM1177

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
More results


Similar Description - ADM1177

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
9/06-Revision 0
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
1.6 V to 16.5 V Hot Swap Controller with Soft Start
7/06-Revision 0
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
LTC4287 AD-LTC4287 Datasheet
2Mb / 77P
High Power Positive Hot Swap Controller with Power Monitor
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com